Electronic Components Datasheet Search
  English  ▼

X  

PIC1F628 Datasheet(PDF) 133 Page - Microchip Technology

Part # PIC1F628
Description  FLASH-Based 8-Bit CMOS Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC1F628 Datasheet(HTML) 133 Page - Microchip Technology

Back Button PIC1F628 Datasheet HTML 129Page - Microchip Technology PIC1F628 Datasheet HTML 130Page - Microchip Technology PIC1F628 Datasheet HTML 131Page - Microchip Technology PIC1F628 Datasheet HTML 132Page - Microchip Technology PIC1F628 Datasheet HTML 133Page - Microchip Technology PIC1F628 Datasheet HTML 134Page - Microchip Technology PIC1F628 Datasheet HTML 135Page - Microchip Technology PIC1F628 Datasheet HTML 136Page - Microchip Technology PIC1F628 Datasheet HTML 137Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 170 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS40300C-page 131
PIC16F62X
D020
I
PD
Power Down Current*(2), (3)
PIC16LF62X
—
—
0.20
0.20
2.0
2.2
µA
µA
V
DD = 2.0
V
DD = 5.5
D020
PIC16F62X
—
—
—
—
0.20
0.20
0.20
2.70
2.2
5.0
9.0
15.0
µA
µA
µA
µA
V
DD = 3.0
V
DD = 4.5*
V
DD = 5.5
V
DD = 5.5 Extended
D023
∆IWDT
∆IBOD
∆ICOMP
∆IVREF
WDT Current(4)
Brown-out Detect Current(4)
Comparator Current for each
Comparator(4)
V
REF Current(4)
—
—
—
—
6.0
75
30
15
125
50
135
µA
µA
µA
µA
V
DD = 3.0V
BOD enabled, V
DD = 5.0V
V
DD = 3.0V
V
DD = 3.0V
D023
∆IWDT
∆IBOD
∆ICOMP
∆IVREF
WDT Current(4)
Brown-out Detect Current(4)
Comparator Current for each
Comparator(4)
V
REF Current(4)
—
—
—
—
6.0
75
30
20
25
125
50
135
µA
µA
µA
µA
µA
V
DD = 4.0V, Commercial,
Industrial
V
DD = 4.0V, Extended
BOD enabled, V
DD = 5.0V
V
DD = 4.0V
V
DD = 4.0V
Legend: Rows with standard voltage device data only are shaded for improved readability.
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25
°C, unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note
1: This is the limit to which V
DD can be lowered in SLEEP mode without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin loading and
switching rate, oscillator type, internal code execution pattern, and temperature also have an impact on the current con-
sumption.
The test conditions for all I
DD measurements in active Operation mode are:
OSC1 = external square wave, from rail to rail; all I/O pins tri-stated, pulled to V
DD,
MCLR = V
DD; WDT enabled/disabled as specified.
3: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is measured with
the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to V
DD or VSS.
4: The
∆ current is the additional current consumed when this peripheral is enabled. This current should be added to the
base I
DD or IPD measurement.
5: For RC osc configuration, current through R
EXT is not included. The current through the resistor can be estimated by the
formula Ir = V
DD/2REXT (mA) with REXT in k
Ω.
17.1
DC Characteristics: PIC16F62X-04 (Commercial, Industrial, Extended)
PIC16F62X-20 (Commercial, Industrial, Extended)
PIC16LF62X-04 (Commercial, Industrial)
PIC16LF62X-04
(Commercial, Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40
°C ≤ Ta ≤ +85°C for industrial and
0
°C ≤ Ta ≤ +70°C for commercial
PIC16F62X-04
PIC16F62X-20
(Commercial, Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40
°C ≤ Ta ≤ +85°C for industrial and
0
°C ≤ Ta ≤ +70°C for commercial and
-40
°C ≤ Ta ≤ +125°C for extended
Param
No.
Sym
Characteristic/Device
Min
Typ†
Max
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com