Electronic Components Datasheet Search
  English  ▼

X  

PIC1F628 Datasheet(PDF) 134 Page - Microchip Technology

Part # PIC1F628
Description  FLASH-Based 8-Bit CMOS Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC1F628 Datasheet(HTML) 134 Page - Microchip Technology

Back Button PIC1F628 Datasheet HTML 130Page - Microchip Technology PIC1F628 Datasheet HTML 131Page - Microchip Technology PIC1F628 Datasheet HTML 132Page - Microchip Technology PIC1F628 Datasheet HTML 133Page - Microchip Technology PIC1F628 Datasheet HTML 134Page - Microchip Technology PIC1F628 Datasheet HTML 135Page - Microchip Technology PIC1F628 Datasheet HTML 136Page - Microchip Technology PIC1F628 Datasheet HTML 137Page - Microchip Technology PIC1F628 Datasheet HTML 138Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 170 page
background image
PIC16F62X
DS40300C-page 132
Preliminary
 2003 Microchip Technology Inc.
17.2
DC Characteristics: PIC16F62X (Commercial, Industrial, Extended)
PIC16LF62X (Commercial, Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial and
0°C
≤ TA ≤ +70°C for commercial and
-40°C
≤ TA ≤ +125°C for extended
Operating voltage V
DD range as described in DC spec Table 17-1 and Table 17-2
Param.
No.
Sym
Characteristic/Device
Min
Typ†
Max
Unit
Conditions
V
IL
Input Low Voltage
D030
D031
D032
D033
I/O ports
with TTL buffer
with Schmitt Trigger input
MCLR, RA4/T0CKI,OSC1
(in ER mode)
OSC1 (in XT and HS)
OSC1 (in LP)
V
SS
V
SS
V
SS
V
SS
V
SS
—
—
—
—
0.8
0.15 V
DD
0.2 V
DD
0.2 V
DD
0.3 V
DD
0.6 V
DD - 1.0
V
V
V
V
V
V
V
DD = 4.5V to 5.5V
otherwise
(Note1)
V
IH
Input High Voltage
D040
D041
D042
D043
D043A
I/O ports
with TTL buffer
with Schmitt Trigger input
MCLR RA4/T0CKI
OSC1 (XT, HS and LP)
OSC1 (in ER mode)
2.0V
.25 V
DD + 0.8V
0.8 V
DD
0.8 V
DD
0.7 V
DD
0.9 V
DD
—
—
—
—
V
DD
V
DD
V
DD
V
DD
V
DD
V
V
V
V
V
V
V
DD = 4.5V to 5.5V
otherwise
(Note1)
D070
I
PURB
PORTB weak pull-up
current
50
200
400
µAVDD = 5.0V, VPIN = VSS
I
IL
Input Leakage Current(2), (3)
D060
D061
D063
I/O ports (Except PORTA)
PORTA
RA4/T0CKI
OSC1, MCLR
—
—
—
—
—
—
±1.0
±0.5
±1.0
±5.0
µA
µA
µA
µA
V
SS
≤ VPIN ≤ VDD, pin at hi-impedance
V
SS
≤ VPIN ≤ VDD, pin at hi-impedance
V
SS
≤ VPIN ≤ VDD
V
SS
≤ VPIN ≤ VDD, XT, HS and LP osc
configuration
V
OL
Output Low Voltage
D080
D083
I/O ports
OSC2/CLKOUT (ER only)
—
—
—
—
—
—
—
—
0.6
0.6
0.6
0.6
V
V
V
V
I
OL=8.5 mA, VDD=4.5V, -40
° to +85°C
I
OL=7.0 mA, VDD=4.5V, +125
°C
I
OL=1.6 mA, VDD=4.5V, -40
° to +85°C
I
OL=1.2 mA, VDD=4.5V, +125
°C
V
OH
Output High Voltage(3)
D090
D092
I/O ports (Except RA4)
OSC2/CLKOUT (ER only)
V
DD - 0.7
V
DD - 0.7
V
DD - 0.7
V
DD - 0.7
—
—
—
—
—
—
—
—
V
V
V
V
I
OH=-3.0 mA, VDD=4.5V, -40
° to +85°C
I
OH=-2.5 mA, VDD=4.5V, +125
°C
I
OH=-1.3 mA, VDD=4.5V, -40
° to +85°C
I
OH=-1.0 mA, VDD=4.5V, +125
°C
D150
V
OD
Open-Drain High Voltage
—
8.5
V
RA4 pin PIC16F62X, PIC16LF62X*
Capacitive Loading Specs on Output Pins
D100*
D101*
COSC2
Cio
OSC2 pin
All I/O pins/OSC2 (in ER mode)
—
—
15
50
pF
pF
In XT, HS and LP modes when external
clock used to drive OSC1.
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only and are not tested.
Note
1:
In ER oscillator configuration, the OSC1 pin is a Schmitt Trigger input. It is not recommended that the PIC16F62X be driven with exter-
nal clock in ER mode.
2:
The leakage current on the MCLR pin is strongly dependent on applied voltage level. The specified levels represent normal operating
conditions. Higher leakage current may be measured at different input voltages.
3:
Negative current is defined as coming out of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com