Electronic Components Datasheet Search
  English  ▼

X  

PIC1F628 Datasheet(PDF) 137 Page - Microchip Technology

Part # PIC1F628
Description  FLASH-Based 8-Bit CMOS Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC1F628 Datasheet(HTML) 137 Page - Microchip Technology

Back Button PIC1F628 Datasheet HTML 133Page - Microchip Technology PIC1F628 Datasheet HTML 134Page - Microchip Technology PIC1F628 Datasheet HTML 135Page - Microchip Technology PIC1F628 Datasheet HTML 136Page - Microchip Technology PIC1F628 Datasheet HTML 137Page - Microchip Technology PIC1F628 Datasheet HTML 138Page - Microchip Technology PIC1F628 Datasheet HTML 139Page - Microchip Technology PIC1F628 Datasheet HTML 140Page - Microchip Technology PIC1F628 Datasheet HTML 141Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 170 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS40300C-page 135
PIC16F62X
TABLE 17-3:
DC CHARACTERISTICS: PIC16F62X, PIC16LF62X
17.4
Timing Diagrams and Specifications
FIGURE 17-6:
EXTERNAL CLOCK TIMING
DC Characteristics
Standard Operating Conditions (unless otherwise stated)
Parameter
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Data EEPROM Memory
D120
D121
D122
E
D
V
DRW
T
DEW
Endurance
V
DD for read/write
Erase/Write cycle time
1M*
V
MIN
—
10M
—
4
—
5.5
8*
E/W
V
ms
25
°C at 5V
V
MIN = Minimum operating
voltage
Program FLASH Memory
D130
D131
D132
D133
E
P
V
PR
V
PEW
T
PEW
Endurance
V
DD for read
V
DD for erase/write
Erase/Write cycle time
1000*
Vmin
4.5
—
10000
—
—
4
—
5.5
5.5
8*
E/W
V
V
ms
V
MIN = Minimum operating
voltage
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
OSC1
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
13
3
44
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com