Electronic Components Datasheet Search
  English  ▼

X  

PIC16F62XT Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC16F62XT
Description  FLASH-Based 8-Bit CMOS Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F62XT Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC16F62XT Datasheet HTML 34Page - Microchip Technology PIC16F62XT Datasheet HTML 35Page - Microchip Technology PIC16F62XT Datasheet HTML 36Page - Microchip Technology PIC16F62XT Datasheet HTML 37Page - Microchip Technology PIC16F62XT Datasheet HTML 38Page - Microchip Technology PIC16F62XT Datasheet HTML 39Page - Microchip Technology PIC16F62XT Datasheet HTML 40Page - Microchip Technology PIC16F62XT Datasheet HTML 41Page - Microchip Technology PIC16F62XT Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 170 page
background image
PIC16F62X
DS40300C-page 36
Preliminary
 2003 Microchip Technology Inc.
FIGURE 5-10:
BLOCK DIAGRAM OF
RB2/TX/CK PIN
FIGURE 5-11:
BLOCK DIAGRAM OF
RB3/CCP1 PIN
Data Latch
TRIS Latch
RD TRISB
Q
D
Q
CK
Q
D
Q
CK
0
1
WR PORTB
WR TRISB
Schmitt
Trigger
Peripheral OE(2)
Data Bus
PORT/PERIPHERAL Select(1)
USART TX/CK Output
USART Slave Clock In
RBPU
V
DD
P
EN
QD
V
DD
V
SS
Note
1: Port/Peripheral select signal selects between port
data and peripheral output.
2: Peripheral OE (output enable) is only active if
peripheral select is active.
RD PORTB
TTL
Input
Buffer
RB2/
TX/CK
Weak
Pull-up
Data Latch
TRIS Latch
RD TRISB
Q
D
Q
CK
Q
D
Q
CK
0
1
WR PORTB
WR TRISB
Schmitt
Trigger
Peripheral OE(2)
Data Bus
PORT/PERIPHERAL Select(1)
USART TX/CK output
USART Slave Clock In
RBPU
V
DD
P
EN
QD
V
DD
V
SS
Note
1: Port/Peripheral select signal selects between port
data and peripheral output.
2: Peripheral OE (output enable) is only active if
peripheral select is active.
RD PORTB
TTL
Input
Buffer
RB3/
CCP1
Weak
Pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com