Electronic Components Datasheet Search
  English  ▼

X  

PIC16F62XT Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC16F62XT
Description  FLASH-Based 8-Bit CMOS Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F62XT Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC16F62XT Datasheet HTML 92Page - Microchip Technology PIC16F62XT Datasheet HTML 93Page - Microchip Technology PIC16F62XT Datasheet HTML 94Page - Microchip Technology PIC16F62XT Datasheet HTML 95Page - Microchip Technology PIC16F62XT Datasheet HTML 96Page - Microchip Technology PIC16F62XT Datasheet HTML 97Page - Microchip Technology PIC16F62XT Datasheet HTML 98Page - Microchip Technology PIC16F62XT Datasheet HTML 99Page - Microchip Technology PIC16F62XT Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 170 page
background image
PIC16F62X
DS40300C-page 94
Preliminary
 2003 Microchip Technology Inc.
FIGURE 14-2:
EXTERNAL PARALLEL
RESONANT CRYSTAL
OSCILLATOR CIRCUIT
Figure 14-3 shows a series resonant oscillator circuit.
This circuit is also designed to use the fundamental
frequency of the crystal. The inverter performs a 180
°
phase shift in a series resonant oscillator circuit. The
330 k
Ω resistors provide the negative feedback to bias
the inverters in their linear region.
FIGURE 14-3:
EXTERNAL SERIES
RESONANT CRYSTAL
OSCILLATOR CIRCUIT
14.2.4
EXTERNAL CLOCK IN
For applications, where a clock is already available
elsewhere, users may directly drive the PIC16F62X
provided that this external clock source meets the
AC/DC timing requirements listed in Section 17.4.
Figure 14-4 shows how an external clock circuit should
be configured.
FIGURE 14-4:
EXTERNAL CLOCK INPUT
OPERATION (EC, HS, XT
OR LP OSC
CONFIGURATION)
14.2.5
ER OSCILLATOR
For timing insensitive applications, the ER (External
Resistor) Clock mode offers additional cost savings.
Only one external component, a resistor to V
SS, is
needed to set the operating frequency of the internal
oscillator. The resistor draws a DC bias current which
controls the oscillation frequency. In addition to the
resistance value, the oscillator frequency will vary from
unit to unit, and as a function of supply voltage and
temperature. Since the controlling parameter is a DC
current and not a capacitance, the particular package
type and lead frame will not have a significant effect on
the resultant frequency.
Figure 14-5 shows how the controlling resistor is
connected to the PIC16F62X. For R
EXT values below
10k, the oscillator operation becomes sensitive to
temperature. For very high R
EXT values (e.g., 1M), the
oscillator becomes sensitive to leakage and may stop
completely. Thus, we recommend keeping R
EXT
between 10k and 1M.
FIGURE 14-5:
EXTERNAL RESISTOR
Table 14-3
shows
the
relationship
between
the
resistance value and the operating frequency.
TABLE 14-3:
RESISTANCE AND
FREQUENCY RELATIONSHIP
The ER Oscillator mode has two options that control
the unused OSC2 pin. The first allows it to be used as
a general purpose I/O port. The other configures the
pin as an output providing the F
OSC signal (internal
clock divided by 4) for test or external synchronization
purposes.
+5V
10K
4.7K
10K
74AS04
XTAL
10K
74AS04
PIC16F62X
CLKIN
TO OTHER
DEVICES
C1
C2
330 K
Ω
74AS04
74AS04
PIC16F62X
CLKIN
TO OTHER
DEVICES
XTAL
330 K
Ω
74AS04
0.1 PF
Clock From
ext. system
PIC16F62X
OSC1/RA7
OSC2/RA6
RA6
Resistance
Frequency
010.4 MHz
1K
10 MHz
10K
7.4 MHz
20K
5.3 MHz
47K
3 MHz
100K
1.6 MHz
220K
800 kHz
470K
300 kHz
1M
200 kHz
RA7/OSC1/CLKIN
RA6/OSC2/CLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com