Electronic Components Datasheet Search
  English  ▼

X  

PIC16F62XT Datasheet(PDF) 80 Page - Microchip Technology

Part # PIC16F62XT
Description  FLASH-Based 8-Bit CMOS Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F62XT Datasheet(HTML) 80 Page - Microchip Technology

Back Button PIC16F62XT Datasheet HTML 76Page - Microchip Technology PIC16F62XT Datasheet HTML 77Page - Microchip Technology PIC16F62XT Datasheet HTML 78Page - Microchip Technology PIC16F62XT Datasheet HTML 79Page - Microchip Technology PIC16F62XT Datasheet HTML 80Page - Microchip Technology PIC16F62XT Datasheet HTML 81Page - Microchip Technology PIC16F62XT Datasheet HTML 82Page - Microchip Technology PIC16F62XT Datasheet HTML 83Page - Microchip Technology PIC16F62XT Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 170 page
background image
PIC16F62X
DS40300C-page 78
Preliminary
 2003 Microchip Technology Inc.
FIGURE 12-9:
ASYNCHRONOUS RECEPTION WITH ADDRESS DETECT
FIGURE 12-10:
ASYNCHRONOUS RECEPTION WITH ADDRESS BYTE FIRST
FIGURE 12-11:
ASYNCHRONOUS RECEPTION WITH ADDRESS BYTE FIRST FOLLOWED BY
VALID DATA BYTE
START
BIT
BIT1
BIT0
BIT8
BIT0
STOP
BIT
START
BIT
BIT8
STOP
BIT
RB1/RX/DT (PIN)
RCV BUFFER REG
RCV SHIFT REG
READ RCV
BUFFER REG
RCREG
RCIF
(INTERRUPT FLAG)
WORD 1
RCREG
BIT8 = 0, DATA BYTE
BIT8 = 1, ADDRESS BYTE
ADEN = 1
(ADDRESS MATCH
ENABLE)
'1'
'1'
Note
1: This timing diagram shows a data byte followed by an address byte. The data byte is not read into the RCREG
(Receive Buffer) because ADEN = 1 and Bit 8 = 0.
START
BIT
BIT1
BIT0
BIT8
BIT0
STOP
BIT
START
BIT
BIT8
STOP
BIT
RB1/RX/DT (PIN)
REG
RCV BUFFER REG
RCV SHIFT
READ RCV
BUFFER REG
RCREG
RCIF
(INTERRUPT FLAG)
WORD 1
RCREG
BIT8 = 1, ADDRESS BYTE
BIT8 = 0, DATA BYTE
ADEN = 1
(ADDRESS MATCH
ENABLE)
'1'
'1'
Note
1: This timing diagram shows an address byte followed by an data byte. The data byte is not read into the RCREG
(receive buffer) because ADEN was not updated (still = 1) and Bit 8 = 0.
START
BIT
BIT1
BIT0
BIT8
BIT0
STOP
BIT
START
BIT
BIT8
STOP
BIT
RB1/RX/DT (PIN)
REG
RCV BUFFER REG
RCV SHIFT
READ RCV
BUFFER REG
RCREG
RCIF
(INTERRUPT FLAG)
WORD 2
RCREG
BIT8 = 1, ADDRESS BYTE
BIT8 = 0, DATA BYTE
ADEN
(ADDRESS MATCH
ENABLE)
WORD 1
RCREG
Note
1: This timing diagram shows an address byte followed by an data byte. The data byte is read into the RCREG
(Receive Buffer) because ADEN was updated after an address match, and was cleared to a ‘0’, so the contents of
the Receive Shift Register (RSR) are read into the Receive Buffer regardless of the value of Bit 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com