Electronic Components Datasheet Search
  English  ▼

X  

1072002 Datasheet(PDF) 5 Page - SICK AG

Part # 1072002
Description  CONTRAST SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1072002 Datasheet(HTML) 5 Page - SICK AG

  1072002 Datasheet HTML 1Page - SICK AG 1072002 Datasheet HTML 2Page - SICK AG 1072002 Datasheet HTML 3Page - SICK AG 1072002 Datasheet HTML 4Page - SICK AG 1072002 Datasheet HTML 5Page - SICK AG 1072002 Datasheet HTML 6Page - SICK AG 1072002 Datasheet HTML 7Page - SICK AG 1072002 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
KTM-WP11282P | KTM Prime
CONTRAST SENSORS
Concept of operation
Teach-in dynamic
Press the teach-in button and
keep it pressed. LED flashing
slowly.
1. Position background
Keep the teach-in button
> 3 < 30 s pressed.
2. Move at least the mark
and background using
the light spot.
Release the teach-in button.
Yellow LED will illuminate, when
emitted light is on the mark.
Switching characteristics
The optimum emitted light is selected automatically (at RGB variants).
Static teach-in: light/dark setting is defined using teach-in sequence.
Dynamic teach-in: switching output active on mark, if background is longer in the field of view during the teach-in.
The switching threshold is set in the center between the background and the mark.
If the button is pressed again within 10 s of the teach (> 20 ms < 10 s), the relative switching threshold
is placed 75 % between mark (100 %) and background (0 %) (dotted line in Figure).
Teach-in can also be performed using an external control signal.
Keylock activation and deactivation: hold down teach-in button > 30 s.
Teach-in failure: yellow LED indicator and the transmitted light of the sensor flashing quickly.
For dynamic teach-in with ET signal (5 Hz) via switching output Q.
Dark switching
Light switching
Output Q
Output Q
Example
Internal signal
received
Switching
threshold
Switching
threshold
Internal signal
received
2018-07-08 09:57:24 | Online data sheet
Subject to change without notice
REGISTRATION SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com