Electronic Components Datasheet Search
  English  ▼

X  

1072002 Datasheet(PDF) 7 Page - SICK AG

Part # 1072002
Description  CONTRAST SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1072002 Datasheet(HTML) 7 Page - SICK AG

  1072002 Datasheet HTML 1Page - SICK AG 1072002 Datasheet HTML 2Page - SICK AG 1072002 Datasheet HTML 3Page - SICK AG 1072002 Datasheet HTML 4Page - SICK AG 1072002 Datasheet HTML 5Page - SICK AG 1072002 Datasheet HTML 6Page - SICK AG 1072002 Datasheet HTML 7Page - SICK AG 1072002 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
KTM-WP11282P | KTM Prime
CONTRAST SENSORS
Brief description
Type
Part no.
Mounting brackets and plates
Mounting bracket for wall mounting, stainless steel, mounting hardware included
BEF-W100-A
5311520
Mounting bracket for floor mounting, steel, zinc coated, mounting hardware included
BEF-W100-B
5311521
Adapter plate KT3 to KTM, steel, zinc coated, fastening screws included
BEF-AP-KTMS01
2068786
Plug connectors and cables
Head A: female connector, M12, 4-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 5 m
YF2A14-050VB3XLEAX
2096235
2018-07-08 09:57:24 | Online data sheet
Subject to change without notice
REGISTRATION SENSORS | SICK
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com