Electronic Components Datasheet Search
  English  ▼

X  

1072002 Datasheet(PDF) 6 Page - SICK AG

Part # 1072002
Description  CONTRAST SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1072002 Datasheet(HTML) 6 Page - SICK AG

  1072002 Datasheet HTML 1Page - SICK AG 1072002 Datasheet HTML 2Page - SICK AG 1072002 Datasheet HTML 3Page - SICK AG 1072002 Datasheet HTML 4Page - SICK AG 1072002 Datasheet HTML 5Page - SICK AG 1072002 Datasheet HTML 6Page - SICK AG 1072002 Datasheet HTML 7Page - SICK AG 1072002 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
KTM-WP11282P | KTM Prime
CONTRAST SENSORS
Teach-in static
Press and hold teach-in
button > 1 < 3 s.
Yellow LED flashes slowly.
1. Position mark
Press and hold teach-in
button < 3 s.
Yellow LED goes out.
2. Position background
Characteristic curve
Sensing distance
5
(0.20)
0
10
(0.39)
15
(0.59)
20
(0.79)
40
60
80
100
110
90
70
50
30
20
Sensing distance in mm (inch)
Recommended accessories
Other models and accessories
www.sick.com/KTM_Prime
Brief description
Type
Part no.
Device protection (mechanical)
Stainless steel 1.4301 (SVS 304), 3 mm thick protective sleeve for G6, stainless steel
1.4301, mounting hardware included
BEF-SG-G6-01
2069044
6
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-08 09:57:24
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com