Electronic Components Datasheet Search
  English  ▼

X  

X9420WS16Z Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # X9420WS16Z
Description  Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9420WS16Z Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button X9420WS16Z Datasheet HTML 2Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 3Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 4Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 5Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 6Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 7Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 8Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 9Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
X9420
FN8195 Rev.1.00
Page 6 of 19
April 26, 2006
Two of the eight instructions are two bytes in length and
end with the transmission of the instruction byte. These
instructions are:
– XFR Data Register to Wiper Counter Register —This
instruction transfers the contents of one specified Data
Register to the Wiper Counter Register.
– XFR Wiper Counter Register to Data Register—This
instruction transfers the contents of the Wiper Counter
Register to the specified associated Data Register.
The basic sequence of the two byte instructions is
illustrated in Figure 4. These two-byte instructions
exchange data between the WCR and one of the Data
Registers. A transfer from a Data Register to a WCR is
essentially a write to a static RAM, with the static RAM
controlling the wiper position. The response of the wiper
to this action will be delayed by tWRL. A transfer from the
WCR (current wiper position), to a Data Register is a write
to nonvolatile memory and takes a minimum of tWR to
complete. The transfer can occur between the
potentiometer and one of its associated registers.
Five instructions require a three-byte sequence to
complete. These instructions transfer data between the
host and the X9420; either between the host and one of
the Data Registers or directly between the host and the
WCR. These instructions are:
– Read Wiper Counter Register—read the current wiper
position of the pot,
– Write Wiper Counter Register—change current wiper
position of the pot,
– Read Data Register—read the contents of the
selected data register;
– Write Data Register—write a new value to the selected
data register.
– Read Status—This command returns the contents of
the WIP bit which indicates if the internal write cycle is
in progress.
The sequence of these operations is shown in Figure 5
and Figure 6.
The final command is Increment/Decrement. It is
different from the other commands, because it’s length is
indeterminate. Once the command is issued, the master
can clock the wiper up and/or down in one resistor
segment steps; thereby, providing a fine tuning
capability to the host. For each SCK clock pulse (tHIGH)
while SI is HIGH, the selected wiper will move one
resistor segment towards the VH/RH terminal. Similarly,
for each SCK clock pulse while SI is LOW, the selected
wiper will move one resistor segment towards the
VL/RL terminal. A detailed illustration of the sequence
and timing for this operation are shown in Figure 7 and
Figure 8.
Figure 4. Two-Byte Instruction Sequence
0101
110A0
I3
I2
I1
I0
R1 R0
0
0
SCK
SI
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com