Electronic Components Datasheet Search
  English  ▼

X  

X9420WS16Z Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # X9420WS16Z
Description  Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9420WS16Z Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button X9420WS16Z Datasheet HTML 7Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 8Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 9Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 10Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 11Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 12Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 13Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 14Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
X9420
FN8195 Rev.1.00
Page 11 of 19
April 26, 2006
ABSOLUTE MAXIMUM RATINGS
Temperature under bias .................... -65°C to +135°C
Storage temperature ......................... -65°C to +150°C
Voltage on SCK, SCL or any
address input with respect to VSS ........... -1V to +7V
Voltage on V+ (referenced to VSS)........................10V
Voltage on V- (referenced to VSS)........................-10V
(V+) - (V-) .............................................................. 12V
Any VH/RH, VL/RL, VW/RW ........................... V- to V+
Lead temperature (soldering, 10s) .................... 300°C
IW (10s) ..............................................................±6mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
ANALOG CHARACTERISTICS
(Over recommended operating conditions unless otherwise stated.)
Notes:
(1) Absolute Linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as
a potentiometer.
(2) Relative Linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a potenti-
ometer. It is a measure of the error in step size.
(3) MI = RTOT/63 or (VH - VL)/63, single pot.
(4) Typical = Individual array resolution.
Symbol
Parameter
Limits
Test Conditions
Min.
Typ.
Max.
Units
RTOTAL
End to End Resistance
±20
%
Power Rating
50
mW
25°C, each pot
IW
Wiper Current
±3
mA
RW
Wiper Resistance
150
250
Wiper Current =
 1mA,
V+/V- = ±3V
40
100
Wiper Current =
 1mA,
V+/V- = ±5V
Vv+
Voltage on V+ Pin
X9420
+4.5
+5.5
V
X9420-2.7
+2.7
+5.5
Vv-
Voltage on V- Pin
X9420
-5.5
-4.5
V
X9420-2.7
-5.5
-2.7
VTERM
Voltage on any VH/RH, VL/RL, VW/RW
V-
V+
V
Noise
-140
dBV
Ref: 1kHz
Resolution(4)
1.6
%
See Note 5
Absolute Linearity(1)
±1
MI(3)
Vw(n)(actual) - Vw(n)(expected)
Relative Linearity(2)
±0.2
MI(3)
Vw(n + 1) - [Vw(n) + MI]
Temperature Coefficient of RTOTAL
300
ppm/°C See Note 5
Ratiometric Temperature Coefficient
20
ppm/°C See Note 5
CH/CL/CW Potentiometer Capacitances
10/10/25
pF
See Circuit #3
IAL
Rh, RI, Rw leakage current
0.1
10
µA
Vin = V- to V+. Device is in
stand-by mode.
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0
C+70C
Industrial
-40
C+85C
Device
Supply Voltage (VCC) Limits
X9420
5V
10%
X9420-2.7
2.7V to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com