Electronic Components Datasheet Search
  English  ▼

X  

X9420WS16Z Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # X9420WS16Z
Description  Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9420WS16Z Datasheet(HTML) 2 Page - Renesas Technology Corp

  X9420WS16Z Datasheet HTML 1Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 2Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 3Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 4Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 5Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 6Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 7Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 8Page - Renesas Technology Corp X9420WS16Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
X9420
FN8195 Rev.1.00
Page 2 of 19
April 26, 2006
Ordering Information
PART NUMBER
PART
MARKING
VCC LIMITS (V)
POTENTIOMETER
ORGANIZATION
(k)
TEMP. RANGE
(°C)
PACKAGE
PKG.
DWG. #
X9420WS16*
X9420WS
5 ±10%
10
0 to +70
16 Ld SOIC (300 mil)
M16.3
X9420WS16Z* (Note)
X9420WS Z
0 to +70
16 Ld SOIC (300 mil) (Pb-free)
M16.3
X9420WS16I*
X9420WS I
-40 to +85
16 Ld SOIC (300 mil)
M16.3
X9420WS16IZ* (Note)
X9420WS ZI
-40 to +85
16 Ld SOIC (300 mil) (Pb-free)
M16.3
X9420WV14*
X9420 W
0 to +70
14 Ld TSSOP (4.4mm)
M14.173
X9420WV14Z* (Note)
X9420 WZ
0 to +70
14 Ld TSSOP (4.4mm) (Pb-free) M14.173
X9420WV14I*
X9420 WI
-40 to +85
14 Ld TSSOP (4.4mm)
M14.173
X9420WV14IZ* (Note)
X9420 WZI
-40 to +85
14 Ld TSSOP (4.4mm) (Pb-free) M14.173
X9420YS16*
X9420YS
2.5
0 to +70
16 Ld SOIC (300 mil)
M16.3
X9420YS16Z* (Note)
X9420YS Z
0 to +70
16 Ld SOIC (300 mil) (Pb-free)
M16.3
X9420YS16I*
X9420YS I
-40 to +85
16 Ld SOIC (300 mil)
M16.3
X9420YS16IZ* (Note)
X9420YS ZI
-40 to +85
16 Ld SOIC (300 mil) (Pb-free)
M16.3
X9420YV14*
X9420 Y
0 to +70
14 Ld TSSOP (4.4mm)
M14.173
X9420YV14Z* (Note)
X9420 YZ
0 to +70
14 Ld TSSOP (4.4mm) (Pb-free) M14.173
X9420YV14I*
X9420 YI
-40 to +85
14 Ld TSSOP (4.4mm)
M14.173
X9420YV14IZ* (Note)
X9420 YZI
-40 to +85
14 Ld TSSOP (4.4mm) (Pb-free) M14.173
X9420WS16-2.7*
X9420WS F
2.7 to 5.5
10
0 to +70
16 Ld SOIC (300 mil)
M16.3
X9420WS16Z-2.7* (Note) X9420WS ZF
0 to +70
16 Ld SOIC (300 mil) (Pb-free)
M16.3
X9420WS16I-2.7*
X9420WS G
-40 to +85
16 Ld SOIC (300 mil)
M16.3
X9420WS16IZ-2.7*
(Note)
X9420WS ZG
-40 to +85
16 Ld SOIC (300 mil) (Pb-free)
M16.3
X9420WV14-2.7*
X9420 WF
0 to +70
14 Ld TSSOP (4.4mm)
M14.173
X9420WV14Z-2.7* (Note) X9420 WZF
0 to +70
14 Ld TSSOP (4.4mm) (Pb-free) M14.173
X9420WV14I-2.7*
X9420 WG
-40 to +85
14 Ld TSSOP (4.4mm)
M14.173
X9420WV14IZ-2.7*
(Note)
X9420 WZG
-40 to +85
14 Ld TSSOP (4.4mm) (Pb-free) M14.173
X9420YS16-2.7*
X9420YS F
2.7 to 5.5
2.5
0 to +70
16 Ld SOIC (300 mil)
M16.3
X9420YS16Z-2.7* (Note) X9420YS ZF
0 to +70
16 Ld SOIC (300 mil) (Pb-free)
M16.3
X9420YS16I-2.7*
X9420YS G
-40 to +85
16 Ld SOIC (300 mil)
M16.3
X9420YS16IZ-2.7* (Note) X9420YS ZG
-40 to +85
16 Ld SOIC (300 mil) (Pb-free)
M16.3
X9420YV14-2.7*
X9420 YF
0 to +70
14 Ld TSSOP (4.4mm)
M14.173
X9420YV14Z-2.7* (Note) X9420 YZF
0 to +70
14 Ld TSSOP (4.4mm) (Pb-free) M14.173
X9420YV14I-2.7*
X9420 YG
-40 to +85
14 Ld TSSOP (4.4mm)
M14.173
X9420YV14IZ-2.7* (Note) X9420 YZG
-40 to +85
14 Ld TSSOP (4.4mm) (Pb-free) M14.173
*Add "T1" suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com