Electronic Components Datasheet Search
  English  ▼

X  

X79000 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # X79000
Description  NV DAC with Selectable Output Range and Memory
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X79000 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button X79000 Datasheet HTML 7Page - Renesas Technology Corp X79000 Datasheet HTML 8Page - Renesas Technology Corp X79000 Datasheet HTML 9Page - Renesas Technology Corp X79000 Datasheet HTML 10Page - Renesas Technology Corp X79000 Datasheet HTML 11Page - Renesas Technology Corp X79000 Datasheet HTML 12Page - Renesas Technology Corp X79000 Datasheet HTML 13Page - Renesas Technology Corp X79000 Datasheet HTML 14Page - Renesas Technology Corp X79000 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
X79000, X79001, X79002
FN8147 Rev 0.00
Page 11 of 18
March 17, 2005
FUNCTIONAL DESCRIPTION
DAC Register Clear Function
When the input pin CLR is set to logic high, the DAC
volatile register and serial input registers are reset to 000
hex. CLR is an asynchronous input. CLR has an on-chip
pulldown. CLR is ignored while RDY is high.
Buffer Output Enable Function
When the input pin OE is set to logic low, the DAC buffered
output, Vbuf, is set to high impedance.
When the input pin OE is at a logic high, the DAC buffered
output is enabled.
UP/DOWN Interface
The UP/DOWN Interface can be used to change the value
of the DAC register without using the serial Interface.
The CS pin must be HIGH, when the UP/DOWN
Interface is used, to set the serial interface in standby
mode.
Control bits Count8 and Count10 determine the binary
word that is incremented or decremented, according to the
following table:
These control bits are set by performing a Write Operation
with the serial interface prior to operation of the UP/DOWN
interface.
For example, when Count8 is one, the DAC register is
affected by increment or decrement operations as
follows:
A HIGH to LOW transition on the UP pin, while the DOWN
pin is LOW, increments the selected binary word by one.
A HIGH to LOW transition on the DOWN pin, while the
UP pin is LOW, decrements the selected binary word
by one.
Other combinations are not valid. See the following table
for a summary of these operations.
X = Don’t Care
RDY Pin
The RDY pin is an open drain output which will follow the
VCC voltage on power-up (due to the pullups) resistor and
will transition to a low state at time tRDY after VCC reaches
a minimum voltage (VRDY). As long as VCC is higher the
VRDY, the output will remain low. If VCC falls below VRDY,
the RDY output will return to a high state.
Count8
Count10
Part of DAC register
incremented or
decremented.
0
0
The complete 12 bit word is used
0
1
10 MSBs are used
1
0
8 MSBs are used
11
Reserved
8 MSBs
4 LSBs
1000 1011
1000 1010
1110
1110
Increment
Increment
1000 1001
1110
Initial Value
1000 1000
1000 0111
1110
1110
Decrement
Decrement
CS
Up
Down
Mode
L
X
X
SPI Control
H
L
Increment
H
L
Decrement
H
H
Not Allowed
H
H
Not Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com