Electronic Components Datasheet Search
  English  ▼

X  

X79000 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # X79000
Description  NV DAC with Selectable Output Range and Memory
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X79000 Datasheet(HTML) 2 Page - Renesas Technology Corp

  X79000 Datasheet HTML 1Page - Renesas Technology Corp X79000 Datasheet HTML 2Page - Renesas Technology Corp X79000 Datasheet HTML 3Page - Renesas Technology Corp X79000 Datasheet HTML 4Page - Renesas Technology Corp X79000 Datasheet HTML 5Page - Renesas Technology Corp X79000 Datasheet HTML 6Page - Renesas Technology Corp X79000 Datasheet HTML 7Page - Renesas Technology Corp X79000 Datasheet HTML 8Page - Renesas Technology Corp X79000 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
X79000, X79001, X79002
FN8147 Rev 0.00
Page 2 of 18
March 17, 2005
X79001 / X79002 FUNCTIONAL DIAGRAM
PIN CONFIGURATION
Variable Gain
& Level Shift
Variable Gain
& Level Shift
DAC
Core
+
–
Vout
OE
Vbuf
VFB
Power-up
Logic
Serial
Interface
and
Control
Logic
RDY
A[5:0]
SCK
SO
SI
CS
General
DAC Register
DAC Shift
DAC Initial
Register
Value Register
CLR
Purpose
EEPROM
Vcc
Vss
VH VL
Vout
UP
CLR
DOWN
DAC
Core
X79002
X79001
DAC Initial
Voltage
Reference
Variable Gain
& Level Shift
Variable Gain
& Level Shift
Power-up
Logic
Serial
Interface
and
Control
Logic
Vref
RDY
A[4:0]
SCK
SO
SI
CS
General
DAC Register
DAC Shift
Register
Value Register
Purpose
EEPROM
Vcc
Vss
VH VL
Voltage
Reference
SCK
A0
A1
A2
SI
CS
CLR
VCC
VH
VL
X79000
X79001
X79002
ORDERING INFORMATION
Notes: Y = Yes, N = No
*All options are for 12-bit resolution, industrial temperature operating range, and a 20-pin TSSOP package.
Device
Features
Voltage References
Voltage
Outputs
DAC Control
System
Control
X79000V20I
Y
Y
Y
Y
Y
A0, A1, A2
Y
X79001V20I
NY
Y
Y
N
A0, A1, A2, A3, A4, A5
Y
X79002V20I
Y
Y
Y
N
Y
A0, A1, A2, A3, A4
Y
SO
RDY
UP
DOWN
OE
Vref
VSS
Vout
Vbuf
VFB
CLR
CS
SCK
A0
A1
VCC
A3
VH
VL
A4
A2
SI
SO
RDY
OE
A5
VSS
Vout
Vbuf
VFB
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CS
SCK
A0
A1
A2
CLR
VCC
A3
VH
VL
SI
SO
RDY
UP
DOWN
Vref
A4
VSS
Vout
DNC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TSSOP
TSSOP
TSSOP
DNC = Do Not Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com