Electronic Components Datasheet Search
  English  ▼

X  

X79000 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # X79000
Description  NV DAC with Selectable Output Range and Memory
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X79000 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button X79000 Datasheet HTML 9Page - Renesas Technology Corp X79000 Datasheet HTML 10Page - Renesas Technology Corp X79000 Datasheet HTML 11Page - Renesas Technology Corp X79000 Datasheet HTML 12Page - Renesas Technology Corp X79000 Datasheet HTML 13Page - Renesas Technology Corp X79000 Datasheet HTML 14Page - Renesas Technology Corp X79000 Datasheet HTML 15Page - Renesas Technology Corp X79000 Datasheet HTML 16Page - Renesas Technology Corp X79000 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
X79000, X79001, X79002
FN8147 Rev 0.00
Page 13 of 18
March 17, 2005
Table 1. Control Registers
IDENTIFICATION AND MEMORY ADDRESS BYTES
The first byte sent to the X79000, following a falling edge at
the CS pin, is called the “Identification Byte”. The most
significant bit (ID7) is the function selector bit. The next six
bits (ID6-ID1) are the Device Address bits (AS5-AS0). To
communicate to the X79000, the value of bits AS[5:0] must
correspond to the logic levels at pins A5, A4, A3, A2, A1,
and A0 respectively. If one or more of the address pins
doesn’t exist in a particular device, then the corresponding
device address bits must be set to “0”. The LSB (ID0) is the
R/W bit. This bit defines the operation to be performed on
the device being addressed. When the R/W bit is “1”, then
a Read operation is selected. A “0” selects a write
operation.
If the value of the Device Address bits doesn’t match the
logic levels at the Address pins, then the Read or Write
operation is aborted.
The byte sent to the X79000, immediately following the
Identification byte, is called the Memory Address Byte.
The value of this byte is the location of the first byte to be
written to, or read from the X79000. Valid values for this
byte are from 00h to 3Fh. If the value of the “Memory
Address byte” is invalid, the Read or Write operation is
aborted.
Byte
MSB
LSB
38h
Register
MSBs of DAC
DAC5
DAC4
DAC10
DAC9
DAC11
DAC8
DAC7
DAC6
Volatile or
39h
Volatile or
DAC3
DAC2
DAC1
DAC0
Reserved
Reserved Reserved
Reserved
3Ch
Configuration
VH2
VH1
VH0
VL2
VL1
VL0
Count8
Count10
NVDAC
Reserved Reserved Reserved Reserved
Reserved Reserved
Reserved
7
6
5
4
3
21
0
Name
Address
Zero Level Configuration
000: External VL reference
001: 151mV
010: 605mV
011: 1.21V
Counter Configuration
00: 12 bits
01: 10 bits
10: 8 bits
11: Reserved
Register
LSBs of DAC
Register
Register
3Fh
Volatile
Non-volatile
Non-volatile
Non-Volatile
Full Scale Configuration
000: External VH reference
001: 605mV
010: 1.21V
011: 1.815V
100: 2.42V
101: 3.025V
100: 1.815V
101: 2.42V
Bytes at addresses 3Ah, 3Bh, 3Dh, and 3Eh are reserved.
110, 111: Reserved
110, 111: Reserved
(for Up/Down Operation)
Non-Volatile
Write Enable
ID6
ID7
ID5
ID3
ID2
ID1
ID0
Read or
ID4
Slave Address
Bit(s)
Description
ID7
Function Selector bit
ID6-ID1
Device Address
ID0
Read or Write Operation Select
R/W
1
AS5
AS4 AS3
Address
Device
AS0
AS1
AS2
Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com