Electronic Components Datasheet Search
  English  ▼

X  

SC2612C Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC2612C
Description  600kHz/200kHz Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2612C Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC2612C Datasheet HTML 3Page - Semtech Corporation SC2612C Datasheet HTML 4Page - Semtech Corporation SC2612C Datasheet HTML 5Page - Semtech Corporation SC2612C Datasheet HTML 6Page - Semtech Corporation SC2612C Datasheet HTML 7Page - Semtech Corporation SC2612C Datasheet HTML 8Page - Semtech Corporation SC2612C Datasheet HTML 9Page - Semtech Corporation SC2612C Datasheet HTML 10Page - Semtech Corporation SC2612C Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2612A/C
Having plotted the line ABCD, and confirmed the type of
compensation necessary, compensation component val-
ues can be determined.
At Fco, the line ABCD shows a gain of -27.5dB and a slope
of -20dB/decade. In order for the total open loop gain to
be 0dB with a -20dB/decade slope at this frequency, the
compensated error amp gain at Fco must be +27.5dB
with a 0dB slope. This is the line FG on the plot below.
Since open loop DC gain should be as high as possible to
minimize errors, a zero is placed at F and to minimize
high frequency gain and switching interference a pole is
placed at G.
The zero at F should be no higher than Fco/4 and the
pole at G no lower than 4*Fco. The equations to set the
gain and the pole and zero locations are:
dB)
(in
Fco
at
gain
A
where
gm
Rs
A
=
=
20
10
Rs
Fz
Cs
×
×
p
=
1
2
1
Rs
Fp
Cp
×
×
p
=
1
2
1
For this example, this results in the following values.
W
»
W
=
=
k
k
.
.
Rs
.
30
6
29
8
0
10 20
5
27
nF
.
Cs
22
0
10
30
10
25
6
1
3
3
=
×
×
×
×
»
)
rolloff
EA
to
due
y
(unecessar
pF
Cp
14
10
30
10
400
6
1
3
3
=
×
×
×
×
»
Fco
Fz(esr)
Fp(lc)
-60
-40
-20
0
20
40
60
80
100
100.0E+0
1.0E+3
10.0E+3
100.0E+3
1.0E+6
Frequency (Hz)
A
B
C
D
E
F
G
H
Fp1
Fz1
Filter+modulator
+divider gain
Compensated
Error Amp gain
Total open
loop gain
Fig2: Type 2 Error Amplifier Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com