Electronic Components Datasheet Search
  English  ▼

X  

SC2612C Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC2612C
Description  600kHz/200kHz Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2612C Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC2612C Datasheet HTML 4Page - Semtech Corporation SC2612C Datasheet HTML 5Page - Semtech Corporation SC2612C Datasheet HTML 6Page - Semtech Corporation SC2612C Datasheet HTML 7Page - Semtech Corporation SC2612C Datasheet HTML 8Page - Semtech Corporation SC2612C Datasheet HTML 9Page - Semtech Corporation SC2612C Datasheet HTML 10Page - Semtech Corporation SC2612C Datasheet HTML 11Page - Semtech Corporation SC2612C Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2612A/C
C9
0.1uF
GND
J8
C10
1500uF
C4
1500uF
Q2
Si4410DY
1.5V OUT
J4
C11
EMPTY
C2
10uF
L1 1uH
R3
2.2
GND
J5
Q1
Si4410DY
R1
10
12V IN
J1
R2
2.2
GND
J6
U1
SC2612
4
7
8
3
6
2
1
5
VCC
DH
BST
FB
DL
SS/EN
COMP
GND
EN
J11
C1
0.1uF
D1
EMPTY
C8
220pF
R7
30k
R5
6.98k
R8
8.06k
3.3V - 12V IN
J2
C6
1500uF
GND
J7
C5
1500uF
C3
1500uF
3.3V - 5 V IN
Evaluation Board Schematic & Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com