Electronic Components Datasheet Search
  English  ▼

X  

SC2612C Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC2612C
Description  600kHz/200kHz Step-Down DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2612C Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC2612C Datasheet HTML 4Page - Semtech Corporation SC2612C Datasheet HTML 5Page - Semtech Corporation SC2612C Datasheet HTML 6Page - Semtech Corporation SC2612C Datasheet HTML 7Page - Semtech Corporation SC2612C Datasheet HTML 8Page - Semtech Corporation SC2612C Datasheet HTML 9Page - Semtech Corporation SC2612C Datasheet HTML 10Page - Semtech Corporation SC2612C Datasheet HTML 11Page - Semtech Corporation SC2612C Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
 2003 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2612A/C
Layout Guidelines (Cont.)
4) The Output Capacitor(s) (Cout) should be located as
close to the load as possible, fast transient load cur-
rents are supplied by Cout only, and connections between
Cout and the load must be short, wide copper areas to
minimize inductance and resistance.
5) The SC2612 is best placed over a quiet ground plane
area, avoid pulse currents in the Cin, Q1, Q2 loop flowing
in this area. PGNDH and PGNDL should be returned to
the ground plane close to the package. The AGND pin
should be connected to the ground side of (one of) the
output capacitor(s). If this is not possible, the AGND pin
may be connected to the ground path between the Out-
put Capacitor(s) and the Cin, Q1, Q2 loop. Under no cir-
cumstances should AGND be returned to a ground in-
side the Cin, Q1, Q2 loop.
6) Vcc for the SC2612 should be supplied from the 5V
supply through a 10
Ω resistor, the Vcc pin should be
decoupled directly to AGND by a 0.1
µF ceramic capaci-
tor, trace lengths should be as short as possible.
Vout
Vin
+
+
Currents in Power Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com