Electronic Components Datasheet Search
  English  ▼

X  

ZL2101ALAF Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZL2101ALAF
Description  6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2101ALAF Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZL2101ALAF Datasheet HTML 9Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 10Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 11Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 12Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 13Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 14Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 15Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 16Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
ZL2101
FN7730 Rev 0.00
Page 13 of 27
January 23, 2012
The resistor setting method can be used to set the output voltage
to levels not available in Table 2. To set VOUT using resistors, use
Table 4 to select the resistor that corresponds to the desired
voltage.
The output voltage may also be set to any value between 0.6V
and 5.0V using the I2C interface. See Application Note AN2033
for details.
Start-up Procedure
The ZL2101 follows a specific internal start-up procedure after
power is applied to the VDD pins (VDDP and VDDS). Table 3
describes the start-up sequence.
If the device is to be synchronized to an external clock source, the
clock frequency must be stable prior to asserting the EN pin. The
device requires approximately 5ms to 10ms to check for specific
values stored in its internal memory. If the user has stored values
in memory, those values will be loaded. The device will then
check the status of all multi-mode pins and load the values
associated with the pin settings.
Once this process is completed, the device is ready to accept
commands via the I2C/SMBus interface and the device is ready
to be enabled. Once enabled, the device requires approximately
2ms before its output voltage may be allowed to start its
ramp-up process. If a soft-start delay period less than 2ms has
been configured (using PMBus commands), the device will
default to a 2ms delay period. If a delay period greater than 2ms
is configured, the device will wait for the configured delay period
prior to starting to ramp its output.
After the delay period has expired, the output will begin to ramp
towards its target voltage according to the pre-configured
soft-start ramp time that has been set using the SS pin. It should
be noted that if the EN pin is tied to VDDP or VDDS, the device
will still require approximately 5ms to 10ms before the output
can begin its ramp-up as described in Table 3.
Soft-start Delay and Ramp Times
It may be necessary to set a delay from when an enable signal is
received until the output voltage starts to ramp to its target
value. In addition, the designer may wish to set the time required
for VOUT to ramp to its target value after the delay period has
expired. These features may be used as part of an overall inrush
current management strategy or to control how fast a load IC is
turned on. The ZL2101 gives the system designer several options
for precisely and independently controlling both the delay and
ramp time periods.
TABLE 3. ZL2101 START-UP SEQUENCE
STEP #
STEP NAME
DESCRIPTION
TIME DURATION
1
Power Applied
Input voltage is applied to the ZL2101’s VDD pins (VDDP and VDDS). Depends on input supply ramp time
2
Internal Memory Check
The device will check for values stored in its internal memory. This
step is also performed after a Restore command.
Approximately 5ms to 10ms (device
will ignore an enable signal or
PMBus traffic during this period)
3
Multi-mode Pin Check
The device loads values configured by the multi-mode pins.
4
Device Ready
The device is ready to accept an enable signal.
-
5
Pre-ramp Delay
The device requires approximately 2ms following an enable signal
and prior to ramping its output. Additional pre-ramp delay may be
configured using the SS pin.
Approximately 2ms
TABLE 4. RESISTORS FOR SETTING OUTPUT VOLTAGE
RSET
(k
)
VOUT
(V)
10
0.6
11
0.7
12.1
0.75
13.3
0.8
14.7
0.9
16.2
1.0
17.8
1.1
19.6
1.2
21.5
1.25
23.7
1.3
26.1
1.4
28.7
1.5
31.6
1.6
34.8
1.7
38.3
1.8
42.2
1.9
46.4
2.0
51.1
2.1
56.2
2.2
61.9
2.3
68.1
2.4
75
2.5
82.5
2.6
90.9
2.7
100
2.8
110
2.9
121
3.0
133
3.1
147
3.2
162
3.3
178
5.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com