Electronic Components Datasheet Search
  English  ▼

X  

ZL2101ALAF Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZL2101ALAF
Description  6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2101ALAF Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZL2101ALAF Datasheet HTML 17Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 18Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 19Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 20Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 21Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 22Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 23Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 24Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
ZL2101
FN7730 Rev 0.00
Page 21 of 27
January 23, 2012
Voltage Tracking
High performance systems place stringent demands on the order
in which the power supply voltages turn on. This is particularly
true when powering FPGAs, ASICs, and other advanced processor
devices that require multiple supply voltages to power a single
die. In most cases, the I/O interface operates at a higher voltage
than the core and therefore the core supply voltage must not
exceed the I/O supply voltage according to the manufacturers'
specifications. Voltage tracking protects these sensitive ICs by
limiting the differential voltage among multiple power supplies
during the power-up and power-down sequence. The ZL2101
integrates a lossless tracking scheme that allows its output to
track a voltage that is applied to the VTRK pin with no additional
components required. Figure 18 shows a basic I2C/SMBus
tracking configuration. Please refer to Application Note AN2033
for more information on configuring tracking mode using PMBus
commands.
Figure 22 is an example of a basic pin-strap tracking
configuration. The VTRK pin is an analog input that, when
tracking mode is enabled, the voltage applied to the VTRK pin
performs as a reference for the device's output voltage. The
ZL2101 offers two modes of tracking: coincident and ratiometric.
Figures 19 and 20 illustrate the output voltage waveform for the
two tracking modes.
1. Coincident. This mode configures the ZL2101 to ramp its
output voltage at the same rate as the voltage applied to the
VTRK pin. Two options are available for this mode;
a. Track at 100% VOUT limited. Member rail tracks the reference
rail and stops when the member reaches its target voltage,
Figure 19 (A).
b. Track at 100% VTRK limited. Member rail tracks the
reference at the instantaneous voltage value applied to the
VTRK pin, Figure 19 (B).
2. Ratiometric. This mode configures the ZL2101 to ramp its
output voltage as a percentage of the voltage applied to the
VTRK pin. The default setting is 50%, but an external resistor
may be used to configure a different tracking ratio.
a. Track at 50% VOUT limited. Member rail tracks the reference
rail and stops when the member reaches 50% of the target
voltage, Figure 20 (A).
b. Track at 50% VTRK limited. Member rail tracks the reference
at the instantaneous voltage value applied to the VTRK pin
until the member rail reaches 50% of the reference rail
voltage, or if the member is configured to less than 50% of the
reference the member will achieve its configured target,
Figure 20 (B).
Tracking Overview
When the ZL2101 is configured to the voltage tracking mode, the
voltage applied to the VTRK pin acts as a reference for the
member device(s) output regulation. The soft-start values
(Rise/Fall times) are used to calculate the loop gain used during
the turn-on/turn-off ramps, therefore the minimum rise/fall time
has been constrained to 5ms to ensure accuracy. Tracking
accuracy can be improved by increasing the rise and fall times
beyond 5ms.
Tracking Groups
In a tracking group, the device configured to the highest voltage
within the group is defined as the reference device. The device(s)
that track the reference are called the member device(s). The
reference device will control the ramp delay and ramp rate of all
tracking devices and is not placed in the tracking mode.
The reference device is configured to the highest output voltage
for the group and all other device(s) output voltages are meant to
track and never exceed the reference device output voltage.
The reference device must be configured to have a minimum
Time-On Delay and Time-On Rise as shown in Equation 14.
This delay allows the member device(s) to prepare their control
loops for tracking following the assertion of ENABLE.
The member device Time-Off Delay has been redefined to
describe the time that the VTRK pin will follow the reference
voltage after enable is de-asserted. The delay setting sets the
FIGURE 19. COINCIDENT TRACKING
FIGURE 18. BASIC I2C TRACKING CONFIGURATION
ZL2101
VTRK
SW
SDA SCL
L3
VOUT_M
MEMBER
ZL2101
SW
SCL
SDA
L4
VOUT_R
REFERENCE
SDA
SCL
TRACK @ 100% VOUT LIMITED
VREF > VMEM
EN
0
EN
0
tON_DLY
tOFF_DLY
VREF
VMEM
TRACK @ 100% VTRK LIMITED
VREF = VMEM
tON_DLY
tOFF_DLY
VREF
VMEM
VREF = 1.8V
VMEM = 0.9V
A.
B.
VREF = 1.8V
VMEM = 1.8V
FIGURE 20. RATIOMETRIC TRACKING
EN
0
EN
0
A.
B.
TRACK @ 50% VOUT LIMITED
TRACK @ 50% VTRK LIMITED
VREF = 1.8V
VMEM = 0.9V
VREF = 1.8V
VMEM = 0.9V
tON_DLY
tOFF_DLY
VREF = 1.8V
VMEM = 0.9V
VREF = 1.8V
VMEM = 0.9V
tON_DLY
tOFF_DLY
VMEM
VMEM
VREF
VREF
(EQ. 14)
tONDLY(REF)  tONDLY(MEM) + tONRISE(REF) + 5ms  tONDLY(MEM) + 10ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com