Electronic Components Datasheet Search
  English  ▼

X  

ZL2101ALAF Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ZL2101ALAF
Description  6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL2101ALAF Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ZL2101ALAF Datasheet HTML 10Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 11Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 12Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 13Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 14Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 15Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 16Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 17Page - Renesas Technology Corp ZL2101ALAF Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
ZL2101
FN7730 Rev 0.00
Page 14 of 27
January 23, 2012
The soft-start delay period begins when the EN pin is asserted
and ends when the delay time expires. The soft-start delay period
is set using the SS pin. Precise ramp delay timing mode reduces
the delay time variations and is available when the appropriate
bit in the MISC_CONFIG register had been set. Please refer to
Application Note AN2033 for details.
The soft-start ramp timer enables a precisely controlled ramp to
the nominal VOUT value that begins once the delay period has
expired. The ramp-up is guaranteed monotonic and its slope may
be precisely set using the SS pin. Using the pin-strap method, the
soft-start delay and ramp times can be set to one of three
standard values according to Table 5.
If the desired soft-start delay and ramp times are not one of the
values listed in Table 5, the times can be set to a custom value by
connecting a resistor from the SS pin to SGND using the
appropriate resistor value from Table 6. The value of this resistor
is measured upon start-up or Restore and will not change if the
resistor is varied after power has been applied to the ZL2101
(see Figure 15).
The soft-start delay and ramp times can also be set to custom
values via the I2C/SMBus interface. When the SS delay time is
set to 0ms, the device will begin its ramp-up after the internal
circuitry has initialized (~2ms). When the soft-start ramp period
is set to 0ms, the output will ramp up as quickly as the output
load capacitance and loop settings will allow. It is generally
recommended to set the soft-start ramp to a value greater than
500µs to prevent inadvertent fault conditions due to excessive
inrush current.
Note that when Auto Compensation is enabled, the minimum
tON_DELAY is 5ms.
Power-good (PG)
The ZL2101 provides a Power-good (PG) signal that indicates the
output voltage is within a specified tolerance of its target level
and no fault condition exists. By default, the PG pin will assert if
the output is within +15%/-10% of the target voltage. These
limits may be changed via the I2C/SMBus interface. See
Application Note AN2033 for details.
A PG delay period is the time from when all conditions for
asserting PG are met and when the PG pin is actually asserted.
This feature is commonly used instead of an external reset
controller to signal the power supply is at its target voltage prior
to enabling any powered circuitry. By default, the ZL2101 PG
delay is set to 1ms and may be changed using the I2C/SMBus
interface as described in AN2033.
TABLE 5. SOFT-START DELAY AND RAMP SETTINGS
SS PIN SETTING
DELAY AND
RAMP TIME
(ms)
UVLO
LOW
2
7.5V
OPEN
5
HIGH
10
ZL
RSS
FIGURE 15. SS PIN RESISTOR CONNECTIONS
TABLE 6. DELAY AND RAMP CONFIGURATION
RSS
(k
)
DELAY TIME
(ms)
RAMP TIME
(ms)
UVLO
(V)
10
5
5
4.5
11
10
12.1
20
13.3
5
10
14.7
10
16.2
20
17.8
5
2
5.5
19.6
10
21.5
20
23.7
5
5
26.1
10
28.7
20
31.6
5
10
34.8
10
38.3
20
42.2
5
20
46.4
10
51.1
20
56.2
5
2
7.5
61.9
10
68.1
20
75
5
5
82.5
10
90.9
20
100
5
10
110
10
121
20
133
5
20
147
10
162
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com