| Electronic Components Datasheet Search |
|
SH7145 Datasheet(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7145 Datasheet(HTML) 30 Page - Renesas Technology Corp |
|
30 / 773 page ![]() Rev. 2.0, 09/02, page xxviii of xxxviii Figure 11.108 Error Occurrence in Complementary PWM Mode, Recovery in Complementary PWM Mode.......................................................... 332 Figure 11.109 Error Occurrence in Complementary PWM Mode, Recovery in Reset-Synchronous PWM Mode .................................................... 333 Figure 11.110 Error Occurrence in Reset-Synchronous PWM Mode, Recovery in Normal Mode.................................................................................. 334 Figure 11.111 Error Occurrence in Reset-Synchronous PWM Mode, Recovery in PWM Mode 1 ................................................................................. 335 Figure 11.112 Error Occurrence in Reset-Synchronous PWM Mode, Recovery in Complementary PWM Mode.......................................................... 336 Figure 11.113 Error Occurrence in Reset-Synchronous PWM Mode, Recovery in Reset-Synchronous PWM Mode .................................................... 337 Figure 11.114 POE Block Diagram ............................................................................................ 339 Figure 11.115 Low-Level Detection Operation .......................................................................... 346 Figure 11.116 Output-Level Detection Operation ...................................................................... 346 Figure 11.117 Falling Edge Detection Operation ....................................................................... 347 Section 12 Watchdog Timer Figure 12.1 Block Diagram of WDT .......................................................................................... 350 Figure 12.2 Operation in Watchdog Timer Mode....................................................................... 355 Figure 12.3 Operation in Interval Timer Mode........................................................................... 355 Figure 12.4 Timing of Setting OVF............................................................................................ 356 Figure 12.5 Timing of Setting WOVF ........................................................................................ 357 Figure 12.6 Writing to TCNT and TCSR ................................................................................... 358 Figure 12.7 Writing to RSTCSR................................................................................................. 358 Figure 12.8 Contention between TCNT Write and Increment.................................................... 359 Figure 12.9 Example of System Reset Circuit Using WDTOVF Signal ....................................360 Section 13 Serial Communication Interface (SCI) Figure 13.1 Block Diagram of SCI ............................................................................................. 362 Figure 13.2 Data Format in Asynchronous Communication (Example with 8-Bit Data, Parity, Two Stop Bits) .................................................. 381 Figure 13.3 Receive Data Sampling Timing in Asynchronous Mode ........................................ 383 Figure 13.4 Relation between Output Clock and Transmit Data Phase (Asynchronous Mode) . 384 Figure 13.5 Sample SCI Initialization Flowchart ....................................................................... 385 Figure 13.6 Example of Operation in Transmission in Asynchronous Mode (Example with 8-Bit Data, Parity, One Stop Bit)..................................................... 386 Figure 13.7 Sample Serial Transmission Flowchart ................................................................... 387 Figure 13.8 Example of SCI Operation in Reception (Example with 8-Bit Data, Parity, One Stop Bit)..................................................... 388 Figure 13.9 Sample Serial Reception Data Flowchart (1) .......................................................... 390 Figure 13.9 Sample Serial Reception Data Flowchart (2) .......................................................... 391 Figure 13.10 Example of Communication Using Multiprocessor Format (Transmission of Data H’AA to Receiving Station A) .......................................... 393 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |