Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-LLL005V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-LLL005V1
Description  60 LED (6 x 10) cost-effective matrix display based on STP16CPC26 with Bluetooth low energy and Android app
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-LLL005V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-LLL005V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-LLL005V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-LLL005V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-LLL005V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-LLL005V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-LLL005V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
•
Cost effective 16-bit LED driving scheme
•
Driver for 6x10 LED matrix with individual LED control and row-wise scanning
•
USB Type-C and DC jack connector for DC input power
•
Bluetooth Smart connectivity and Android application for hassle free
demonstration
•
Connector for stacking multiple LED drivers in daisy chain configuration
•
Preconfigured demos (selected through on-board switches):
–
with brightness control
–
with speed control
–
with blink rate (flashing) control
Description
The STP16CPC26 low voltage 16-bit constant current LED sink driver on the
STEVAL-LLL005V1 evaluation board ensures a cost effective 6x10 LED matrix with
individual LED control.
The LED driver evaluation board includes a jumper to select between powering the
board through a standard DC jack input or a USB Type-C connector, as well as two
control switches.
An Android app is also available for enhanced user experience and control.
The SPBTLE-RF very low power module for Bluetooth Smart v4.1 allows
communication with the board via your smartphone.
The STM32F030 mainstream ARM Cortex-M0 Value line MCU with 64 Kbytes of
Flash, 48 MHz CPU manages driving and transmission of data over BLE.
Summary table
STEVAL-LLL005V1
evaluation board
STEVAL-
LLL005V1
STP16CPC26 low
voltage 16-bit constant
current LED sink driver
STP16CPC26
SPBTLE-RF very low
power module for
Bluetooth Smart v4.1
SPBTLE-RF
STM32F030
mainstream ARM
Cortex-M0 Value line
MCU
STM32F030
60 LED (6 x 10) cost-effective matrix display based on STP16CPC26 with
Bluetooth low energy and Android app
STEVAL-LLL005V1
Data brief
DB3478 - Rev 1 - January 2018
For further information contact your local STMicroelectronics sales office.
www.st.com/


Similar Part No. - STEVAL-LLL005V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-LLL001V1 STMICROELECTRONICS-STEVAL-LLL001V1 Datasheet
527Kb / 5P
RoHS compliant
November 2016 Rev 2
STEVAL-LLL009V1 STMICROELECTRONICS-STEVAL-LLL009V1 Datasheet
1Mb / 12P
300 W very high AC input voltage LED driver with digital power control
Rev 1 - November 2020
More results

Similar Description - STEVAL-LLL005V1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2541F128RHAR TI-CC2541F128RHAR Datasheet
429Kb / 32P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAR TI-CC2541F256RHAR Datasheet
345Kb / 30P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541_15 Datasheet
921Kb / 34P
2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
logo
STMicroelectronics
STEVAL-IDB006V1M STMICROELECTRONICS-STEVAL-IDB006V1M Datasheet
279Kb / 6P
Bluetooth Low Energy USB dongle based on the SPBTLE-RF
06-Nov-2015
BLUENRG-1 STMICROELECTRONICS-BLUENRG-1 Datasheet
5Mb / 173P
Bluetooth low energy wireless system-on-chip
23-Jun-2016
STEVAL-IDB005V1 STMICROELECTRONICS-STEVAL-IDB005V1 Datasheet
409Kb / 11P
Bluetooth low energy board based on the BlueNRG-MS network processor
29-Apr-2015
STEVAL-IDI003V2 STMICROELECTRONICS-STEVAL-IDI003V2 Datasheet
288Kb / 6P
Android app available
19-May-2016
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
STEVAL-BLUEPIRV1 STMICROELECTRONICS-STEVAL-BLUEPIRV1 Datasheet
1Mb / 5P
Wireless motion detector based on Bluetooth® Low Energy and PIR sensor
11-Apr-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com