Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-LLL005V1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEVAL-LLL005V1
Description  60 LED (6 x 10) cost-effective matrix display based on STP16CPC26 with Bluetooth low energy and Android app
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-LLL005V1 Datasheet(HTML) 3 Page - STMicroelectronics

  STEVAL-LLL005V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-LLL005V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-LLL005V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-LLL005V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-LLL005V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-LLL005V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Figure 4. Microcontroller section
C
C1122
VDD
STP_LE
S
ST
TM
M3322F
F003300C
C88T
T66
STP_SDO
STP_SDI
110000nnF
F
P
PB
B11
42
PB11
PA12
12
PA3
13
PB2
SWDIO
PB1
PB0
C
C1133
20
PB10
21
11
PA2
17
33
C
C1100
110000nnF
F
38
PA14
37
STP_OE
110000nnF
F
BLE_SPI_IRQ
PB2
18
PB1
19
C
C1111
29
PB15
PB7
43
41
25
PA11
32
PA8
40
45
C
C99
PB4
S
SW
W11
C
C2211
110000nnF
F
PB12
S
SW
W22
SWCLK
PA0
BLE_SPI_MISO
BLE_SPI_MOSI
31
PA9
30
10
PA1
P
PB
B22
26
BLE_SPI_RESET
BLE_SPI_CS
PB3
39
BLE_SPI_CLK
PB1
PB6
15
PA6
PB2
27
PB13
PA4
PA10
PA15
PB8
110000nnF
F
22
CC2
VSENSE
16
PA7
110000nnF
F
14
PA5
28
PB14
STP_CLK
PB9
46
CC1
BLE_GPIO_2
PB5
PA13
34
Figure 5. Input power selection, board extension and programming connector section
4V5
10
VCC_USB
Male Connector
1
2
3
4
5
6
7
8
STP_OE
1
3
5
7
9
STP_SDI
SWCLK
VDD
STP_CLK
VDD
2
4
6
8
HEADER 5X2
Programming Connector
Input Selection Jumper
STP_LE
CON3
1
2
3
nRST
J5
SWDIO
VCC
VCC_Jack
STP_SDO
CON8
JJ33
J4
STEVAL-LLL005V1
Schematic diagrams
DB3478 - Rev 1
page 3/6



Html Pages

1 2 3 4 5 6