Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-LLL005V1 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEVAL-LLL005V1
Description  60 LED (6 x 10) cost-effective matrix display based on STP16CPC26 with Bluetooth low energy and Android app
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-LLL005V1 Datasheet(HTML) 4 Page - STMicroelectronics

  STEVAL-LLL005V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-LLL005V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-LLL005V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-LLL005V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-LLL005V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-LLL005V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Figure 6. SPBTLE-RF section
BLE_SPI_MOSI
BLE_SPI_MISO
BLE_GPIO_2
1100uuF
F
C
C88
SPI_IRQ
5
Vin
S
SP
PB
BT
TLLE
E--R
RF
F
11
SPI_MOSI
8
BLE_SPI_CLK
BLE_SPI_IRQ
BLE_SPI_CS
BLE_SPI_RESET
U
U44
GPIO_2
3
ANA_TEST 0
4
BT_RESET
10
VDD
1
EXT_LPCLK
2
SPI_MISO
7
SPI_CLK
SPI_CS
9
Figure 7. LED driver and LEDs section
1100K
K
LLE
ED
D
LLE
ED
D
R
R1144
D
D2277
S
ST
TR
R11P
P22U
UH
H77
LLE
ED
D
LLE
ED
D
LLE
ED
D
R
R1155
D
D3377
LLE
ED
D
LLE
ED
D
D
D1166
LLE
ED
D
C
C1177
LE
4
LLE
ED
D
D
D5533
LLE
ED
D
LLE
ED
D
STP_OE
D
D5588
R
R2222
3
CLK
R
R1122
D
D4433
LLE
ED
D
D
D4444
D
D4400
C
C1155
D
D3322
1100R
R
D
D5500
D
D3399
LLE
ED
D
S
ST
TP
P1166C
CP
PC
C2266
S
ST
TR
R11P
P22U
UH
H77
LLE
ED
D
LLE
ED
D
D
D3311
LLE
ED
D
D
D3333
1100K
K
LLE
ED
D
Q
Q66
D
D4488
LLE
ED
D
C
C1144
C
C2200
D
D5522
LLE
ED
D
LLE
ED
D
LLE
ED
D
R
R1177
D
D4477
D
D88
D
D1155
LLE
ED
D
Q
Q44
D
D1122
LLE
ED
D
D
D1177
D
D6622
LLE
ED
D
D
D2211
LLE
ED
D
D
D6633
LLE
ED
D
D
DN
NM
M
LLE
ED
D
D
D1144
D
D3388
LLE
ED
D
D
D1111
LLE
ED
D
D
D3300
LLE
ED
D
1100K
K
OE
D
D3355
LLE
ED
D
D
DN
NM
M
D
D4455
LLE
ED
D
D
D5544
LLE
ED
D
STP_LE
LLE
ED
D
S
ST
TR
R11P
P22U
UH
H77
R
R2233
D
D1199
LLE
ED
D
D
DN
NM
M
R
R1199
D
D2244
LLE
ED
D
D
D6600
D
D1188
D
D4499
D
D5511
C
C1188
LLE
ED
D
D
DN
NM
M
D
D6611
1100R
R
LLE
ED
D
SDI
2
1100R
R
D
D3344
R
R2200
C
C1166
D
D4422
LLE
ED
D
D
D2233
LLE
ED
D
STP_SDO
D
D1100
D
D5566
LLE
ED
D
D
D66
D
D2200
LLE
ED
D
U
U55
D
DN
NM
M
LLE
ED
D
R
R1111
LLE
ED
D
21
SDO
LLE
ED
D
D
D5577
LLE
ED
D
Q
Q22
1100R
R
R-EXT
23
VDD
24
STP_CLK
STP_SDI
1100R
R
VDD
110000nnF
F
Q
Q55
D
D4411
LLE
ED
D
R
R1133
D
D2266
D
D55
S
ST
TR
R11P
P22U
UH
H77
S
ST
TR
R11P
P22U
UH
H77
1100R
R
LLE
ED
D
D
D77
R
R1166
1100K
K
R
R1188
22
4V5
LLE
ED
D
1100K
K
LLE
ED
D
LLE
ED
D
D
D5599
D
D5555
D
D2255
D
D2288
D
DN
NM
M
D
D2299
D
D2222
Q
Q11
D
D1133
R
R2211
222200R
R
C
C1199
1100K
K
LLE
ED
D
LLE
ED
D
D
D99
LLE
ED
D
LLE
ED
D
Q
Q33
S
ST
TR
R11P
P22U
UH
H77
D
D4466
LLE
ED
D
LLE
ED
D
LLE
ED
D
D
D3366
LLE
ED
D
D
D44
LLE
ED
D
STEVAL-LLL005V1
Schematic diagrams
DB3478 - Rev 1
page 4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com