Electronic Components Datasheet Search
  English  ▼

X  

BD62012FS Datasheet(PDF) 18 Page - Rohm

Part # BD62012FS
Description  3-Phase Brushless Fan Motor Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD62012FS Datasheet(HTML) 18 Page - Rohm

Back Button BD62012FS Datasheet HTML 14Page - Rohm BD62012FS Datasheet HTML 15Page - Rohm BD62012FS Datasheet HTML 16Page - Rohm BD62012FS Datasheet HTML 17Page - Rohm BD62012FS Datasheet HTML 18Page - Rohm BD62012FS Datasheet HTML 19Page - Rohm BD62012FS Datasheet HTML 20Page - Rohm BD62012FS Datasheet HTML 21Page - Rohm BD62012FS Datasheet HTML 22Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
18/20
Datasheet
Datasheet
BD62012FS
TSZ02201-0828ABB00020-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
15.MAR.2013 Rev.003
http://www.rohm.com
TSZ22111 · 15 · 001
 Notes for Use
1) Absolute maximum ratings
Devices may be destroyed when supply voltage or operating temperature exceeds the absolute maximum rating. Because
the cause of this damage cannot be identified as, for example, a short circuit or an open circuit, it is important to consider
circuit protection measures, such as adding fuses, if any value in excess of absolute maximum ratings is to be
implemented.
2) Electrical potential at GND
Keep the GND terminal to the minimum potential under any operating condition. In addition, check to determine whether
there is any terminal that provides voltage below GND, including the voltage during transient phenomena. However, note
that even if the voltage does not fall below GND in any other operating condition, it can still swing below GND potential
when the motor generates back electromotive force at the RCL terminal. The chip layout in this product is designed to
avoid this sort of electrical potential problem, but pulling excessive current may still result in malfunctions. Therefore, it is
necessary to observe operation closely to conclusively confirm that there is no problem in actual operation. If there are
small signal GND and high current GND, it is recommended to separate the patterns for the high current GND and the
small signal GND and provide a proper grounding to the reference point of the set not to affect the voltage at the small
signal GND with the change in voltage due to resistance component of pattern wiring and high current. Also for GND wiring
pattern of the component externally connected, pay special attention not to cause undesirable change to it.
3) Driver outputs
The high voltage semiconductor generally driven by this product is connected to the next stage via the controller. If any
special mode in excess of absolute maximum ratings is to be implemented with this product or its application circuits, it is
important to take physical safety measures, such as providing voltage-clamping diodes or fuses.
4) Thermal design
Use a thermal design that allows sufficient margin in light of the power dissipation (Pd) in actual operating conditions.
5) Inter-pin shorts and mounting errors
Take caution when positioning the IC for mounting on printed circuit boards. The IC may be damaged if there is any
connection error or if pins are shorted together. Also, connecting the power supply in reverse polarity can damage the IC.
Take precautions against reverse polarity when connecting the power supply lines, such as establishing an external diode
between the power supply and the IC power supply pin.
6) Operation in strong electromagnetic fields
Using this product in strong electromagnetic fields may cause IC malfunctions. Take extreme caution with electromagnetic
fields.
7) Testing on application boards
When testing the IC on an application board, connecting a capacitor to a low impedance pin subjects the IC to stress.
Always discharge capacitors after each process or step. Always turn the IC's power supply off before connecting it to or
removing it from a jig or fixture during the inspection process. Ground the IC during assembly steps as an antistatic
measure. Use similar precaution when transporting or storing the IC.
8) Regarding the input pin of the IC
This monolithic IC contains P+ isolation and P substrate layers between adjacent elements, in order to keep them isolated.
P-N junctions are formed at the intersection of these P layers with the N layers of other elements, creating a parasitic diode
or transistor. For example, the relation between each potential is as follows:
When GND > Pin A and GND > Pin B, the P-N junction operates as a parasitic diode.
When GND > Pin B, the P-N junction operates as a parasitic transistor.
Parasitic diodes inevitably occur in the structure of the IC. The operation of parasitic diodes can result in mutual
interference among circuits, as well as operating malfunctions and physical damage. Therefore, do not use methods by
which parasitic diodes operate, such as applying a voltage lower than the GND (P substrate) voltage to an input pin.
Resistor
Transistor (NPN)
N
N
N P
+
P
+
P
P substrate
GND
Parasitic element
Pin A
N
N
P
+
P
+
P
P substrate
GND
Parasitic element
Pin B
C
B
E
N
GND
Pin A
Pin B
Other adjacent elements
E
B
C
GND
Parasitic
element
Appendix: Example of monolithic IC structure
Parasitic
element



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com