Electronic Components Datasheet Search
  English  ▼

X  

SS6578CSTR Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SS6578CSTR
Description  HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SS6578CSTR Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SS6578CSTR Datasheet HTML 1Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 2Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 3Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 4Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 5Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 6Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 7Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 8Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.SiliconStandard.com
5 of 11
SS6578
BLOCK DIAGRAM
70mV
8
7
6
5
4
3
2
1
Current Limit Comparator
Output
Driver
GND
DRI
CS+
CS-
VIN
PFM
OSC
1.22V
Reference
Voltage
Error
Comparator
DUTY
FB
SHDN
VIN
+
-
LATCH
-
+
PIN DESCRIPTIONS
PIN 1: VIN
- Input supply voltage - a range of
4V to 18V is recommended.
PIN 2: DUTY - Duty cycle adjustment pin. To be
tied to the VIN pin directly or
through a resistor RDUTY to adjust
oscillator duty cycle. RDUTY must
be over 1M
Ω if V
IN=20V.
See TYPICAL PERFORMANCE
CHARACTERISTICS.
PIN 3:
SHDN- Logical input to shutdown the
chip:
VSHDN
=
High
for
normal
operation.
VSHDN = Low for shutdown.
This pin should not be floating or
be
forced
to
over
15V.
In
shutdown mode DRI pin is held
high.
PIN 4: FB
- Feedback comparator input, to
compare the feedback voltage
with the internal reference voltage.
Connecting
a
resistor
R1
to
converter output node and a
resistor R2 to ground yields the
output voltage:
VOUT=1.22 x (R1+R2)/ R2
PIN 5: GND - Power ground.
PIN 6: DRI
- Push-pull driver output to drive an
external P-channel MOSFET or
PNP transistor. When driving a
PNP bipolar transistor, a base
resistor and a capacitor to the
base of PNP are recommended.
PIN 7: CS-
- Current-sense
comparator
inverting input. This pin voltage
should go over 2V but should
not exceed VIN voltage.
PIN 8: CS+ - Current
sense
comparator
non-inverting
input.
This
pin
voltage should go over 2V but
should not exceed VIN voltage.
Rev.2.02 4/06/2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com