Electronic Components Datasheet Search
  English  ▼

X  

SS6578CSTR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SS6578CSTR
Description  HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SS6578CSTR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SS6578CSTR Datasheet HTML 1Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 2Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 3Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 4Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 5Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 6Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 7Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 8Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.SiliconStandard.com
1 of 11
SS6578
High-Efficiency, Step-Down DC/DC Controller
FEATURES
4V to 18V input voltage operation.
High-efficiency (up to 95%).
Low quiescent current at 90
µA.
Pulse-skipping and pulse-frequency modulation.
Inputs-uncommitted current-sense comparator.
Duty-cycle adjustable.
90KHz to 280KHz oscillator frequency.
Power-saving shutdown mode (8
µA typical).
Push-pull driver output.
APPLICATIONS
• Notebook 5V/3.3V Main Power
• Step-Down DC/DC Controller Modules.
• Constant-Current Source for Battery Chargers.
DESCRIPTION
The SS6578 is a high performance
step-down DC/DC controller, designed to drive
an external P-channel MOSFET to generate
programmable
output
voltages.
Two
main
schemes of Pulse-Skipping and Pulse-Frequency
Modulation
are
employed
to
maintain
low
quiescent current and high conversion efficiency
under wide ranges of input voltage and loading
condition. The SS6578 delivers 10mA to 2A
of output current with 87%~93% efficiency at
VIN=9V, VOUT=5V condition. A current-sense
comparator with both inverting and non-inverting
inputs uncommitted is included to provide the
crucial function of either current-limit protection
or constant-output current control. When the
SS6578 is used in a high-side current-sensing
step-down constant-current source, the efficiency
is typically greater than 90%. Duty-cycle can be
adjusted to greater than 90% by connecting a
resistor from DUTY pin to VIN. Quiescent current
is about 90
µA and can be reduced to 8µA in
shutdown mode. The switching frequency range
of around 90 kHz to 280 kHz allows small size
switching components, which are ideal for battery
powered portable equipment.
ORDERING INFORMATION
PIN CONFIGURATION
SO-8
TOP VIEW
DRI
CS+
DUTY
FB
CS-
GND
VIN
SHDN
1
3
4
2
8
6
5
7
SS6578CXXX
Packing
TR: Tape and reel
TB: Tubes
Packaging
S: SO-8
N: PDIP-8
Example: SS6578CSTR
à in SO-8 package, shipped in tape and reel packing
(PDIP-8 is only available in tubes)
Rev.2.02 4/06/2004


Similar Part No. - SS6578CSTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6578CSTR SSC-SS6578CSTR Datasheet
226Kb / 11P
High-Efficiency, Step-Down DC/DC Controller
More results

Similar Description - SS6578CSTR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Linear Technology
LTC1771 LINER-LTC1771 Datasheet
205Kb / 16P
Low Quiescent Current High Efficiency Step-Down DC/DC Controller
logo
Maxim Integrated Produc...
MAX746 MAXIM-MAX746 Datasheet
157Kb / 16P
High-Efficiency, PWM, Step-Down, N-Channel DC-DC Controller
19-0192; Rev 1; 11/93
MAX747 MAXIM-MAX747 Datasheet
136Kb / 12P
High-Efficiency PWM, Step-Down P-Channel DC-DC Controller
19-0171; Rev 1; 9/93
logo
Torex Semiconductor
XC9303 TOREX-XC9303_1 Datasheet
908Kb / 20P
High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
logo
Linear Technology
LTC1771 LINER-LTC1771_1 Datasheet
237Kb / 16P
10mA Quiescent Current High Efficiency Step-Down DC/DC Controller
logo
Silicon Standard Corp.
SS6578 SSC-SS6578 Datasheet
226Kb / 11P
High-Efficiency, Step-Down DC/DC Controller
logo
Torex Semiconductor
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
logo
Linear Technology
LTC1771 LINER-LTC1771_15 Datasheet
243Kb / 16P
10A Quiescent Current High Efficiency Step-Down DC/DC Controller
logo
Cypress Semiconductor
MB39C502 CYPRESS-MB39C502 Datasheet
1Mb / 46P
High Efficiency Step Down DC/DC Controller Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com