Electronic Components Datasheet Search
  English  ▼

X  

SS6578CSTR Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SS6578CSTR
Description  HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SS6578CSTR Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SS6578CSTR Datasheet HTML 3Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 4Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 5Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 6Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 7Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 8Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 9Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 10Page - List of Unclassifed Manufacturers SS6578CSTR Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.SiliconStandard.com
8 of 11
SS6578
APPLICATION INFORMATION
A. Start Up Design
In order to eliminate the over-shoot issue which
happens when Vout is under 5V, we offer two
solutions for the SS6578 as a buck controller.
1.
Buck Converter with 12V<Vin<18V
When the SS6578 is used in a Buck Circuit
with VOUT<5V, add a resistor R1 of 680 ohm and
a Zener diode D2 of 6.8V.
This solution will limit the temperature rise
of MOSFET Q1. The smaller the resistor value,
the lower temperature rise. The resistor value is
determined by the reverse current rating of the
Zener diode. Refer to its databook for the
reverse current rating. Note that the current is
strictly limited by the spec.
A temperature rise of 1
°C for Q1 results from the
addition of R1=680ohm, D2=6.8V to the original
condition (Vin=12V, Vout=3.3V and IOUT=1.5A).
Yet, the efficiency of the system remains nearly
the same.
Note: The input voltage rating in this circuit is 12V
rather than 4V, and the rating can be varied
depending on the value of Zener diode D2.
Please refer to Fig3.
The current-sense resistor Rs is used for
over-current protection. Due to concerns about
the power loss, cost, and size, many users do not
use Rs in their buck converter application.
Damage caused by unexpected current (over
rating current) could be done to Q1, U1 and the
circuits attached to VOUT when Rs is not used.
For the calculation of Rs, please refer to the
formula of Rs in “Typical Application” above.
VIN
1
DUTY
2
SHDN
3
FB
4
GND
5
DRI
6
CS-
7
CS+
8
U1 SS6578
R2
47K
R3
27K
C2
0.1
µF
12V< +VIN <15V
+VOUT, 3.3V
+
C4
330
µF
D1
SS32
+
C1
100
µ
D2
6.8V
R1
680
Rs
Q1
SSM4435
L1 33
µH
Fig. 10 DC/DC Buck Converter VOUT=3.3V
Rev.2.02 4/06/2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com