| Electronic Components Datasheet Search |
|
SSD1702 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1702 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 47 page ![]() SSD1702 Rev 1.1 P 21/46 Dec 2003 Solomon Systech Pin Name SEGMENT MODE COMMON MODE FR FR is the AC signal input for LC driving waveform. Normally it is the frame inversion signal. The input signal is level-shifted from logic voltage level to LC driving voltage level to control the LC driving circuit. The output voltage of the LC driver output pins are set by the line latch / shift register output signal and the FR signal. Their relationship is shown in Table 6 and Table 7. EIO1, EIO2 These are the I/O pins for chip selection. When L/R is set to L, EIO1 will be the output and EIO2 will be the input. When L/R is set to H, EIO1 will be the input and EIO2 will be the output. After an LP signal is input and the EIO(input) is set to L, the chip will be selected. It will be deselected automatically after reading 240 bits of data. EIO(output) is normally H. It will only be pull L for one XCK cycle (from falling edge to falling edge of XCK) when 240 bits of data have been read. Refer to Figure 10 for details timing. These are the bi-directional shift register shift data I/O pin. When L/R is set to L, EIO1 will be the output and EIO2 will be the input. When L/R is set to H, EIO1 will be the input and EIO2 will be the output. A YD signal (Vertical scanning start pulse) is expected at the EIO(input). A H level at EIO(input) during LP falling edge indicates the start of a vertical frame. Refer to Figure 11 for details timing. Y1-Y240 These are LC driver output pins. The output level can be referred Table 6 and Table 7. Note: Logic H means VDD level Logic L means VSS level |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |