Electronic Components Datasheet Search
  English  ▼

X  

SSD1702 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SSD1702
Description  240-outputs LCD driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1702 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SSD1702 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1702 Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1702 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1702 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1702 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1702 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1702 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1702 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1702 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
SSD1702
Rev 1.1
P 3/46
Dec 2003
Solomon Systech
TABLE OF TABLES
Table 1 - Ordering Information .................................................................................................................. 5
Table 2 - SSD1702Z die pad coordinates................................................................................................ 10
Table 3 - SSD1702T1 pin assignment ..................................................................................................... 14
Table 4 - SSD1702T2 pin assignment ..................................................................................................... 16
Table 5 - SSD1702T3 pin assignment ..................................................................................................... 18
Table 6 - Output level truth table for segment mode.............................................................................24
Table 7 - Output level truth table for common mode ............................................................................ 25
Table 8 - 4-bit parallel, Segment Mode.................................................................................................... 26
Table 9 - 8-bit parallel, Segment Mode.................................................................................................... 26
Table 10 - Common Mode......................................................................................................................... 26
Table 11 - Maximum Ratings (Voltage Referenced to VSS).................................................................. 28
Table 12 - DC Characteristics (Unless otherwise specified, voltage referenced to VSS, VDD = 2.4 to
3.6V, V0=+15.0 to +30.0V, TA = -30 to 85
°°°°C)...........................................................................29
Table 13 - DC Characteristics (Unless otherwise specified, voltage referenced to VSS, VDD = 2.4 to
3.6V, V0=+15.0 to +30.0V, TA = -30 to 85
°°°°C)...........................................................................30
Table 14 - Interface Timing Characteristics (Unless otherwise specified, voltage referenced to VSS,
VDD = +3.0 to +3.6V, V0=+15.0 to +30.0V, TA = -30 to 85
°°°°C) ................................................31
Table 15 - Interface Timing Characteristics (VDD – VSS = +2.4 to +3.0V, V0=+15.0 to +30.0V, TA = -
35 to 85
°°°°C)................................................................................................................................32
Table 16 - Interface Timing Characteristics (VDD - VSS = +2.4 to +3.6V, V0=+15.0 to +30.0V, TA = -35
to 85
°°°°C).....................................................................................................................................34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com