Electronic Components Datasheet Search
  English  ▼

X  

SSD1702 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # SSD1702
Description  240-outputs LCD driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1702 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SSD1702 Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1702 Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1702 Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1702 Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1702 Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1702 Datasheet HTML 40Page - List of Unclassifed Manufacturers SSD1702 Datasheet HTML 41Page - List of Unclassifed Manufacturers SSD1702 Datasheet HTML 42Page - List of Unclassifed Manufacturers SSD1702 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
SSD1702
Rev 1.1
P 39/46 Dec 2003
Solomon Systech
17.APPLICATION EXAMPLES
Figure 19 – Typical configuration for 320x240 application
EIO1
M
D
S/C
L/R
D0-D7
EIO2
FR
LP
DISPOFF#
XCK
320x240 Dot Matrix
LCD Panel
YD
FR
LP
DISPOFF#
XCK
D0- D7
LCD
Controller
VEE
V
0
V
1
V2
V
3
V
4
V
5
VSS
VDD
R
R
R
R
(n-
4)R
Y1-Y240
COM1
COM2
.
.
.
.
.
.
COM239
COM240
VDD, VSS,
V0, V1, V4, V5
VDD, VSS,
V0, V2, V3, V5
SSD1703
Segment driver
Common driver
Remark:
•
The circuit is in 1/n bias
•
VSS
≤ V5 ≤ V4 ≤ V3 ≤ V2 ≤ V1 ≤ V0 ≤ VEE
•
VEE is the maximum driving voltage allowed, which is equal to or above V0.
•
For common driver
o
V0 should be connected to pin V0
o
V1 should be connected to pin V12
o
V4 should be connected to pin V43
o
V5 should be connected to pin V5
•
For segment driver
o
V0 should be connected to pin V0
o
V2 should be connected to pin V12
o
V3 should be connected to pin V43
o
V5 should be connected to pin V5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com