Electronic Components Datasheet Search
  English  ▼

X  

SSD1702Z Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # SSD1702Z
Description  240-outputs LCD driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1702Z Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button SSD1702Z Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Solomon Systech
Dec 2003
P 28/46 Rev 1.1
SSD1702
11.MAXIMUM RATINGS
Table 11 - Maximum Ratings (Voltage Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
Logic supply voltage
-0.3 to +4.0
V
V0
-0.3 to +32.0
V
V12
-0.3 to + V0+0.3
V
V43
-0.3 to + V0+0.3
V
V5
LC driving voltage supply
-0.3 to + V0+0.3
V
VI
Input voltage
-0.3 to VDD+0.3
V
TA
Operating Temperature
-30 to +85
°C
TSTG
Storage Temperature
-65 to +150
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional
operation should be restricted to the limits in the Electrical Characteristics tables or Pin Description
section.
This device contains circuitry to protect the inputs against damage due to high static voltages or electric
fields. However, it is advised that normal precautions to be taken to avoid application of any voltage
higher than maximum rated voltages to this high impedance circuit. For proper operation, it is
recommended that VIN and VOUT be constrained to the range VSS
≤ (VIN or VOUT) ≤ VDD. Reliability of
operation is enhanced if unused inputs are connected to an appropriate logic voltage level (e.g. either
VSS or VDD). Unused outputs must be left open. All dummy and NC pins should be left open and
unconnected. Do not group dummy or NC pins together. This device may be light sensitive. Caution
should be taken to avoid exposed of this device to any light source during normal operation. This device
is not radiation protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com