Electronic Components Datasheet Search
  English  ▼

X  

SSD1702Z Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # SSD1702Z
Description  240-outputs LCD driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1702Z Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button SSD1702Z Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 26Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 27Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
SSD1702
Rev 1.1
P 29/46 Dec 2003
Solomon Systech
12.DC CHARACTERISTICS
SEGMENT MODE
Table 12 - DC Characteristics (Unless otherwise specified, voltage referenced to VSS, VDD = 2.4 to
3.6V, V0=+15.0 to +30.0V, TA = -30 to 85
°C)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VDD
VDD operation voltage
-
2.4
-
3.6
V
V0
V0 operation voltage
-
15.0
-
30.0
V
ISTB
Stand-by current at VDD
pin
VDD = +3.6V, V0 = +30V,
V1 = VSS, all input static
-
-
5
µA
IDD1
Consumed current at VDD
(Chip is in deselected
stage, i.e. non data-taking)
VDD = +3.6V, V0 = +30V,
fXCK = 20MHz, fLP = 333kHz,
fFR=1389Hz, No-load,
EIO(input)=VDD, 4-bit mode,
D0-D4 switch at every XCK
cycle
-
450
900
µA
IDD2
Consumed current at VDD
(Chip is in selected stage,
i.e. data-taking)
VDD = +3.6V, V0 = +30V,
fXCK = 20MHz, fLP = 333kHz,
fFR=1389Hz, No-load,
EIO(input)=VSS, 4-bit mode,
D0-D4 switch at every XCK
cycle
-
750
1500
µA
IO
Consumed current at V0
VDD = +3.6V, V0 = +30V,
fXCK = 20MHz, fLP = 333kHz,
fFR=1389Hz, No-load,
EIO(input)=VSS, 4-bit mode,
D0-D4 switch at every XCK
cycle
-
-
2.5
mA
VIH
0.8xVDD
-
-
V
VIL
Input voltage at
D0-D7, XCK, LP, L/R, FR,
MD, S/C, EIO1, EIO2,
DISPOFF#
-
-
0.2xVDD
V
VOH
IOH = -0.4mA
0.9xVDD
-
-
V
VOL
Output voltage at
EIO1, EIO2
IOL = +0.4mA
-
-
0.1xVDD
V
ILIH
VI = VDD
-
-
5
µA
ILIL
Input leakage current at
D0-D7, XCK, LP, L/R, FR,
MD, S/C, EIO1, EIO2,
DISPOFF#
VI = VSS
-
-
5
µA
∆VON = 0.5V, V0 = +30V
-
1.1
1.5
k
Ω
RON
Output resistance
∆VON = 0.5V, V0 = +20V
-
1.1
2.0
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com