Electronic Components Datasheet Search
  English  ▼

X  

SSD1702Z Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # SSD1702Z
Description  240-outputs LCD driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1702Z Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button SSD1702Z Datasheet HTML 28Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 29Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1702Z Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Solomon Systech
Dec 2003
P 32/46 Rev 1.1
SSD1702
SEGMENT MODE
Table 15 - Interface Timing Characteristics (VDD – VSS = +2.4 to +3.0V, V0=+15.0 to +30.0V, TA = -35
to 85
°C)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
TWCK
Shift clock period (1)
TR, TF
≤ 10ns
66
-
-
ns
TWCKH
Shift clock H pulse width
-
23
-
-
ns
TWCKL
Shift clock L pulse width
-
23
-
-
ns
TDS
Data setup time
-
15
-
-
ns
TDH
Data hold time
-
23
-
-
ns
TWLPH
Latch pulse H pulse width
-
30
-
-
ns
TLD
Shift clock rise to Latch pulse rise
time
-
0
-
-
ns
TSL
Shift clock fall to Latch pulse fall time
-
50
-
-
ns
TLS
Latch pulse rise to Shift clock rise
time
-
30
-
-
ns
TLH
Latch pulse fall to Shift pulse fall
time
-
30
-
-
ns
TR
Input signal rise time (2)
-
-
-
50
ns
TF
Input signal fall time (2)
-
-
-
50
ns
TS
Enable setup time
-
15
-
-
ns
TSD
DISPOFF# removal time
-
100
-
-
ns
TWDL
DISPOFF# L pulse width
-
1.2
-
-
µs
TD
Output delay time1
CL = 15pF
-
-
41
ns
TPD1,
TPD2
Output delay time 2
CL = 15pF
-
-
400
µs
TPD3
Output delay time 3
CL = 15pF
-
-
400
µs
Note:
(1)
Take the cascade connection into consideration
(2)
(TCK-TWCKH-TWCKL)/2 is maximum in the case of high speed operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com