Electronic Components Datasheet Search
  English  ▼

X  

ADRF6520ACPZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF6520ACPZ
Description  Dual Programmable Filters and VGAs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6520ACPZ Datasheet(HTML) 3 Page - Analog Devices

  ADRF6520ACPZ Datasheet HTML 1Page - Analog Devices ADRF6520ACPZ Datasheet HTML 2Page - Analog Devices ADRF6520ACPZ Datasheet HTML 3Page - Analog Devices ADRF6520ACPZ Datasheet HTML 4Page - Analog Devices ADRF6520ACPZ Datasheet HTML 5Page - Analog Devices ADRF6520ACPZ Datasheet HTML 6Page - Analog Devices ADRF6520ACPZ Datasheet HTML 7Page - Analog Devices ADRF6520ACPZ Datasheet HTML 8Page - Analog Devices ADRF6520ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Data Sheet
ADRF6520
Rev. 0 | Page 3 of 29
SPECIFICATIONS
VPS, VPSD = 3.3 V, TA = 25°C, ZLOAD = 100 Ω.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RESPONSE, FILTER BYPASS MODE
±1 dB Gain Flatness Bandwidth
I or Q channel
1.25
GHz
FREQUENCY RESPONSE
Low-Pass Corner Frequency, fC
Corner Frequencies
Four-pole Butterworth filter, −1 dB bandwidth
36
MHz
72
MHz
144
MHz
288
MHz
432
MHz
576
MHz
720
MHz
Corner Frequency Absolute Accuracy
Over operating temperature range
±8
% fC
Corner Frequency Matching
Channel A and Channel B at same gain and bandwidth
settings
±0.5
% fC
Pass-Band Flatness
Defined as difference between value at 100 kHz and fC
Corner Frequency = 72 MHz
0.2
dB
Bypass Mode
1.5
dB
Gain Matching
Channel A and Channel B at same gain and bandwidth
settings; 1 kHz to fC
±0.1
dB
Group Delay Variation
From midband to peak
Corner Frequency = 36 MHz
4
ns
Corner Frequency = 144 MHz
0.8
ns
Corner Frequency = 720 MHz
0.25
ns
Bypass Mode
0.15
ns
Group Delay Matching
At fC/2; Channel A and Channel B at same gain
Corner Frequency = 36 MHz
±60
ps
Corner Frequency = 144 MHz
±50
ps
Corner Frequency = 720 MHz
±15
ps
Bypass Mode
±10
ps
Stop-Band Rejection
Gain = 53 dB
Relative to Pass Band
2 × fC
−20
dB
5 × fC
−50
dB
10 × fC
−80
dB
INPUT STAGE
INP1, INM1, INP2, INM2
Maximum Input Swing
At minimum gain, VGN1 = 0 V
4.0
V p-p
Differential Input Impedance
100
Ω
Input Common Mode
AC coupling recommended
1.375
V
RMS DETECTOR
VRMS, CFLT1, CFLT2
Output Scaling
Relative to the summation of the differential voltage at
filter input of both channels
1
V/V rms
Output Current
Source available
3
mA
Output Load
To reach full scale
1
kΩ
GAIN CONTROL
VGN1, VGN2
Gain Range
Maximum gain
53
dB
Minimum gain
−7
Attenuation Range
Each attenuator; VGN1 or VGN2 = 1.5 V
−30
0
dB
Each attenuator; VGN1 or VGN2 = 0 V
30
dB
Gain Slope
30
mV/dB
Gain Error
VGAIN from 500 mV to 1000 mV
0.2
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com