Electronic Components Datasheet Search
  English  ▼

X  

ADRF6520ACPZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF6520ACPZ
Description  Dual Programmable Filters and VGAs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6520ACPZ Datasheet(HTML) 1 Page - Analog Devices

  ADRF6520ACPZ Datasheet HTML 1Page - Analog Devices ADRF6520ACPZ Datasheet HTML 2Page - Analog Devices ADRF6520ACPZ Datasheet HTML 3Page - Analog Devices ADRF6520ACPZ Datasheet HTML 4Page - Analog Devices ADRF6520ACPZ Datasheet HTML 5Page - Analog Devices ADRF6520ACPZ Datasheet HTML 6Page - Analog Devices ADRF6520ACPZ Datasheet HTML 7Page - Analog Devices ADRF6520ACPZ Datasheet HTML 8Page - Analog Devices ADRF6520ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Dual Programmable Filters and VGAs for
2 GHz Channel Spacing for µW Radios
Data Sheet
ADRF6520
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Matched VGAs and programmable filters
Maximum gain: 53 dB
Continuous gain control range: 60 dB
Filter bypass mode I/Q bandwidth
±1 dB gain flatness: >1250 MHz
4-pole Butterworth filter I/Q bandwidth: 36 MHz to 720 MHz
RMS detector
IMD3: <−55 dBc for 1.5 V p-p composite output
HD2, HD3: <−55 dBc for 1.5 V p-p output
Noise figure: 10.5 dB at maximum gain
NF < 11 dB over 12 dB of VGA2 gain backoff
100 Ω differential input, low impedance output
Optional dc output offset correction
SPI-programmable filter corners
Single 3.3 V supply operation with power-down feature
APPLICATIONS
Point-to-point and point-to-multipoint radios
Baseband IQ receivers
Diversity receivers
ADC drivers
Instrumentation
Medical
FUNCTIONAL BLOCK DIAGRAM
24 OPP1
23 OPM1
22 COM
21 VGN1
20 VGN2
19 COM
18 OPM2
17 OPP2
1
2
3
4
5
6
7
8
INP1
INM1
COM
CFLT1
CFLT2
COM
INM2
INP2
ADRF6520
DETECTOR
Figure 1
GENERAL DESCRIPTION
The ADRF6520 is a matched pair of fully differential low noise and
low distortion programmable filters and variable gain amplifiers
(VGAs). Each channel is capable of rejecting large, out of band
interferers while reliably boosting the wanted signal, thus reducing
the bandwidth and resolution requirements on the analog-to-
digital converters (ADCs). The excellent matching between
channels and their high spurious-free dynamic range over all
gain and bandwidth settings make the ADRF6520 ideal for
quadrature-based (IQ) communication systems with dense
constellations, multiple carriers, and nearby interferers. The
filter corners, enable, and dc offset correction loop enable are
all programmable via a serial peripheral interface (SPI).
The first VGA that precedes the filters offers 30 dB of continuous
gain control with a maximum gain of 18 dB and sets a differential
input impedance of 100 Ω. The filters provide a four-pole
Butterworth response with −1 dB corner frequencies: 36 MHz,
72 MHz, 144 MHz, 288 MHz, 432 MHz, 576 MHz, and 720 MHz.
For operation beyond 720 MHz, the filter can be disabled and
completely bypassed, thereby extending the −1 dB bandwidth
up to 1.25 GHz. A wideband rms detector is available to
monitor the signal at the filter inputs. A fixed gain amplifier of
6 dB immediately follows the filter. The postfilter VGA provides
30 dB of continuous gain control with a maximum gain of
12 dB. The output buffers offer an additional 18 dB of gain and
provide a differential output impedance of 20 Ω. The output
buffers are capable of driving 1.5 V p-p into 100 Ω loads at better
than 55 dBc nominal for the third-order intermodulation
distortion (IMD3). Independent, built in, dc offset correction
loops for each channel can be disabled via the SPI if fully dc-
coupled operation is desired. The high-pass corner frequency is
determined by external capacitors on the CHP1 and CHP2 pins
and the postfilter VGA gain.
The ADRF6520 operates from a 3.15 V to 3.45 V supply and
consumes a maximum supply current of 425 mA. When fully
disabled, it consumes ≤10 mA. The ADRF6520 is fabricated in
an advanced silicon-germanium BiCMOS process and is
available in a 32-lead, exposed pad LFCSP. Performance is
specified over the −40°C to +85°C temperature range.


Similar Part No. - ADRF6520ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6521 AD-ADRF6521 Datasheet
1,020Kb / 33P
Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
11/2020-Revision 0
ADRF6521-EVALZ AD-ADRF6521-EVALZ Datasheet
1,020Kb / 33P
Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
11/2020-Revision 0
ADRF6521ACPZ AD-ADRF6521ACPZ Datasheet
1,020Kb / 33P
Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
11/2020-Revision 0
ADRF6521ACPZ-R7 AD-ADRF6521ACPZ-R7 Datasheet
1,020Kb / 33P
Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
11/2020-Revision 0
More results

Similar Description - ADRF6520ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8331 AD-AD8331 Datasheet
482Kb / 32P
Ultralow Noise VGAs with Preamplifier and Programmable RIN
11/03-Data Sheet Changed from REV. B to REV. C
AD8331 AD-AD8331_06 Datasheet
867Kb / 40P
Ultralow Noise VGAs with Preamplifier and Programmable RIN
4/06-Rev. D to Rev. E
ADRF6516 AD-ADRF6516 Datasheet
1Mb / 32P
31 MHz, Dual Programmable Filters
REV. B
ADRF6518 AD-ADRF6518 Datasheet
1Mb / 36P
63 MHz Dual Programmable Filters and Variable Gain Amplifiers
Rev. PrA
AD8331 AD-AD8331_10 Datasheet
1Mb / 56P
Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. G
AD8331 AD-AD8331_15 Datasheet
1Mb / 56P
Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8332 AD-AD8332_15 Datasheet
1Mb / 56P
Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8334 AD-AD8334_15 Datasheet
1Mb / 56P
Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
ADRF6516 AD-ADRF6516_17 Datasheet
1Mb / 29P
Dual Programmable Filters and Variable Gain Amplifiers
8/2017-Rev. B to Rev. C
ADL5336 AD-ADL5336_18 Datasheet
1Mb / 30P
Cascadable IF VGAs with Programmable RMS Detectors
4/2018-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com