Electronic Components Datasheet Search
  English  ▼

X  

ADRF6520ACPZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF6520ACPZ
Description  Dual Programmable Filters and VGAs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6520ACPZ Datasheet(HTML) 4 Page - Analog Devices

  ADRF6520ACPZ Datasheet HTML 1Page - Analog Devices ADRF6520ACPZ Datasheet HTML 2Page - Analog Devices ADRF6520ACPZ Datasheet HTML 3Page - Analog Devices ADRF6520ACPZ Datasheet HTML 4Page - Analog Devices ADRF6520ACPZ Datasheet HTML 5Page - Analog Devices ADRF6520ACPZ Datasheet HTML 6Page - Analog Devices ADRF6520ACPZ Datasheet HTML 7Page - Analog Devices ADRF6520ACPZ Datasheet HTML 8Page - Analog Devices ADRF6520ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ADRF6520
Data Sheet
Rev. 0 | Page 4 of 29
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT STAGE
OPP1, OPM1, OPP2, OPM2
Maximum Output Swing
At maximum gain, RLOAD = 100 Ω
3.5
4.5
V p-p
HD2 > 55 dBc, HD3 > 55 dBc, RLOAD = 100 Ω
1.5
V p-p
Output 1 dB Compression Point (OP1dB)
Gain = 53 dB
12
14
dBm
re:100 Ω
Differential Output Impedance
<20
Ω
Output DC Offset
Inputs shorted, dc offset correction loop enabled
<20
mV
Output Common-Mode
AC coupling recommended
1.65
V
NOISE/DISTORTION
Corner Frequency = 36 MHz
Output Noise Density
At fC/2, VGA1 gain = 18 dB, VGA2 gain = 0 dB
−137.25
dBV/Hz
At fC/2, VGA1 gain = 18 dB, VGA2 gain = 30 dB
−119.5
dBV/Hz
Noise Figure
Gain = 53 dB
11
dB
Second Harmonic, HD2
10 MHz fundamental, 1.5 V p-p output level
VGA1 gain = 6 dB, VGA2 = 0 dB
−71.7
dBc
VGA1 gain = 18 dB, VGA2 = 0 dB
−71.7
dBc
VGA1 gain = 18 dB, VGA2 = 24 dB
−72.9
dBc
Third Harmonic, HD3
10 MHz fundamental, 1.5 V p-p output level
VGA1 gain = 6 dB, VGA2 = 0 dB
−74.3
dBc
VGA1 gain = 18 dB, VGA2 = 0 dB
−74.7
dBc
VGA1 gain = 18 dB, VGA2 = 24 dB
−81.2
dBc
IMD3
18 MHz and 19 MHz tones, 1.5 V p-p composite output
Gain = 0 dB
−70
dBc
Gain = 24 dB
−71.2
dBc
Gain = 48 dB
−85
dBc
Corner Frequency = 720 MHz
Output Noise Density
At fC/2, VGA1 gain = 18 dB, VGA2 gain = 0 dB
−137
dBV/Hz
At fC/2, VGA1 gain = 18 dB, VGA2 gain = 30 dB
−119.9
dBV/Hz
Noise Figure
Gain = 53 dB
11
dB
Second Harmonic, HD2
100 MHz fundamental, 1.5 V p-p output level
VGA1 gain = 6 dB, VGA2 = 0 dB
−72
dBc
VGA1 gain = 18 dB, VGA2 = 0 dB
−75.6
dBc
VGA1 gain = 18 dB, VGA2 = 24 dB
−80.6
dBc
Third Harmonic, HD3
100 MHz fundamental, 1.5 V p-p output level
VGA1 gain = 6 dB, VGA2 = 0 dB
−71.3
dBc
VGA1 gain = 18 dB, VGA2 = 0 dB
−71.6
dBc
VGA1 gain = 18 dB, VGA2 = 24 dB
−79.8
dBc
IMD3
356.5 MHz and 363.5 MHz tones, 1.5 V p-p composite
output
VGA1 gain = −6 dB, VGA2 = 0 dB
−65
dBc
VGA1 gain = 18 dB, VGA2 = 0 dB
−66.5
dBc
VGA1 gain = 18 dB, VGA2 = 24 dB
−81.1
dBc
Bypass Mode
Output Noise Density
At 500 MHz, VGA1 gain = 18 dB, VGA2 gain = 0 dB
−136.8
dBV/Hz
At 500 MHz, VGA1 gain = 18 dB, VGA2 gain = 30 dB
−119.8
dBV/Hz
Noise Figure
Gain = 53 dB
10.5
dB
Second Harmonic, HD2
330 MHz fundamental, 1.5 V p-p output level
VGA1 gain = −6 dB, VGA2 = 0 dB
−64.5
dBc
VGA1 gain = 18 dB, VGA2 = 0 dB
−65
VGA1 gain = 18 dB, VGA2 = 24 dB
−78.4
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com