Electronic Components Datasheet Search
  English  ▼

X  

HMC900LP5E Datasheet(PDF) 14 Page - Analog Devices

Part # HMC900LP5E
Description  50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC900LP5E Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC900LP5E Datasheet HTML 10Page - Analog Devices HMC900LP5E Datasheet HTML 11Page - Analog Devices HMC900LP5E Datasheet HTML 12Page - Analog Devices HMC900LP5E Datasheet HTML 13Page - Analog Devices HMC900LP5E Datasheet HTML 14Page - Analog Devices HMC900LP5E Datasheet HTML 15Page - Analog Devices HMC900LP5E Datasheet HTML 16Page - Analog Devices HMC900LP5E Datasheet HTML 17Page - Analog Devices HMC900LP5E Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
2 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
3 - 14
3
HMC900LP5E
v04.0811
50 MHz DUAL PROGRAMMABLE
LOW PASS FILTER with DRIVER
HMC900LP5E Ordering Information
The HMC900lP5e is available as product that is either un-programmed or pre-programmed. Programming is available
to a variety of filter bandwidths (defined in this context as the 3dB bandwidth).
Other options available for pre-programmed product include the single path gain and bias state as described below.
gain and bias settings are described in Reg 02h.
When placing an order for the HMC900lP5e please observe the following guidelines.
1.
To order the un-programmed standard part please place order using the part number HMC900lP5e-00000.
2.
To order a pre-programmed HMC900lP5e please determine the part number as described below and then
contact Hittite sales at sales@hittite.com or call (978) 250-3343.
2.1 Minimum quantity order for the pre-programmed HMC900lP5e-BBBgl is 500 pieces.
3.
Pre-Programmed part number description: HMC900lP5e-BBBgl.
3.1 ‘BBB’ represents a three digit number from the following table that represents the desired bandwidth
setting (3 dB bandwidth) from 3.5 MHz to 50 MHz (for example BBB = 035 specifies a 3.5 MHz corner
frequency).
3.2 ‘g’ represents the gain setting of either 0 dB (g = 0) or 10 dB (g = 1).
3.3 ‘l’ represents the linearity setting of either standard (l = 0) or high linearity (l = 1). Note that the high
linearity setting is recommended only for bandwidth settings above 30 MHz.[1]
For example, to order the HMC900lP5e pre-programmed for 50 MHz 3 dB frequency, 10 dB gain, and standard
linearity setting please specify part number HMC900lP5e-50010.
BBB frequency for custom part (actual frequency is BBB x 0.1 MHz)
035
048
066
088
121
163
218
292
400
036
049
068
091
124
167
224
300
401
037
050
069
093
128
171
229
307
411
038
052
070
095
131
175
235
315
422
039
053
071
098
134
179
240
322
432
040
054
073
100
137
180
246
330
443
041
056
075
102
140
184
253
338
454
042
057
076
105
141
188
259
347
465
043
058
078
108
144
193
265
355
476
044
060
080
110
148
198
272
364
488
045
061
082
113
151
203
278
373
500
046
063
084
116
155
208
280
382
047
064
086
119
159
213
285
392
[1] The Output IP2 and Output IP3 for the two linearity settings are shown in Figure 8 and Figure 9. High linearity setting improves linearity for
bandwidths greater than 30 MHz at the cost of increased current consumption (additional 25 ma).
Table 8. Custom Part Frequency Options
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com