Electronic Components Datasheet Search
  English  ▼

X  

HMC900LP5E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC900LP5E
Description  50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC900LP5E Datasheet(HTML) 2 Page - Analog Devices

  HMC900LP5E Datasheet HTML 1Page - Analog Devices HMC900LP5E Datasheet HTML 2Page - Analog Devices HMC900LP5E Datasheet HTML 3Page - Analog Devices HMC900LP5E Datasheet HTML 4Page - Analog Devices HMC900LP5E Datasheet HTML 5Page - Analog Devices HMC900LP5E Datasheet HTML 6Page - Analog Devices HMC900LP5E Datasheet HTML 7Page - Analog Devices HMC900LP5E Datasheet HTML 8Page - Analog Devices HMC900LP5E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
2 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
3 - 2
3
HMC900LP5E
v04.0811
50 MHz DUAL PROGRAMMABLE
LOW PASS FILTER with DRIVER
Table 1. Electrical Specifications
T
a = +25°C, VDDI, VDDQ, VDDCal, VDDBg, DVDD = 5V +/-5%, gND = 0V, 400 Ω load unless otherwise stated.
Parameter
Conditions
Min.
Typ.
Max.
Units
Analog Performance
Passband gain [1]
min gain setting
max gain setting
0
10
dB
dB
3dB corner frequency (fc)
Programmable to any frequency in this range
[1]
3.5
50
MHz
Bypass mode
75
100
MHz
3dB corner frequency variation
uncalibrated
± 20
%
calibrated
±2.5
± 3.5
%
3dB corner frequency variation vs temperature
over -40°C to +85°C
±0.03
% / °C
Max passband gain error[2]
vs ideal 6th order lPF H(s)
±0.5
dB
Max passband group delay variation
(group delay * 3dB frequency fc )
e.g. for 1.0 dB BW of 40 MHz (fc ~ 44.9 MHz):
max group delay variation = 0.400/ 44.9 MHz = 8.9 ns
at 0.1dB BW (~0.73 fc)
0.250
at 0.5dB BW (~0.83 fc)
0.350
at 1.0dB BW (~ 0.89 fc)
0.400
at 3.0dB BW (at fc)
0.400
Output Noise (f = 1 MHz)
min gain, fc = 3.5 MHz
22
nV/rtHz
min gain, fc = 28 MHz
22
nV/rtHz
max gain fc = 3.5 MHz
25
nV/rtHz
max gain, fc = 28 MHz
25
nV/rtHz
Output noise (f > 10*fc)
min gain, fc = 3.5 MHz
8
nV/rtHz
max gain, fc = 3.5 MHz
8
nV/rtHz
min gain fc = 28 MHz
8
nV/rtHz
max gain, fc = 28 MHz
8
nV/rtHz
Noise Figure (100 Ω source)
min gain
25
dB
max gain
17
dB
Noise Figure (1 kΩ source)
min gain
19
dB
max gain
12
dB
Input referred Passband IM3
half scale tones at 0.8fc and
0.6fc
fc = 20 MHz
fc = 50 MHz[2]
-60
-50
dBc
dBc
Input referred Out of Band IM3
half scale tones at 1.2fc and
1.6fc. IM3 product at 0.8fc
fc = 20 MHz
fc = 50 MHz [2]
-60
-50
dBc
dBc
Input referred Out of Band IM3
half scale tones at 2fc and 3fc.
IM3 product at 0.5fc
fc = 20 MHz
fc = 50 MHz [2]
-50
-45
dBc
dBc
Output IP3 (inband)
half scale tones at 0.8fc and
0.6fc
fc = 20 MHz
fc = 50 MHz
25
17
30
20
dBm
dBm
Output IP3 (out of band)
half scale tones at 1.2fc and
1.6fc. IM3 product at 0.8fc
fc = 20 MHz
fc = 50 MHz [2]
25
17
30
20
dBm
dBm
Output IP3 (out of band)
half scale tones at 2fc and 3fc.
IM3 product at fc
fc = 20 MHz
fc = 50 MHz[2]
25
17
30
20
dBm
dBm
Output IP2 (inband)
half scale tones at 0.8fc and
0.6fc IM2 product at 0.2fc
fc = 20 MHz
fc = 50 MHz [2]
55
55
60
60
dBm
dBm
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com