Electronic Components Datasheet Search
  English  ▼

X  

HMC900LP5E Datasheet(PDF) 21 Page - Analog Devices

Part # HMC900LP5E
Description  50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC900LP5E Datasheet(HTML) 21 Page - Analog Devices

Back Button HMC900LP5E Datasheet HTML 17Page - Analog Devices HMC900LP5E Datasheet HTML 18Page - Analog Devices HMC900LP5E Datasheet HTML 19Page - Analog Devices HMC900LP5E Datasheet HTML 20Page - Analog Devices HMC900LP5E Datasheet HTML 21Page - Analog Devices HMC900LP5E Datasheet HTML 22Page - Analog Devices HMC900LP5E Datasheet HTML 23Page - Analog Devices HMC900LP5E Datasheet HTML 24Page - Analog Devices HMC900LP5E Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
2 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
3 - 21
3
HMC900LP5E
v04.0811
50 MHz DUAL PROGRAMMABLE
LOW PASS FILTER with DRIVER
Serial Port Bus Operation with Multiple Devices
The sPI bus architecture supports multiple HMC devices on the same sPI bus. each HMC900lP5e on the bus
requires a dedicated seN line to enable the appropriate device.
The sDO pin is normally driven by the HMC900lP5e during and after an sPI read/write which is addressed directly
to the HMC900lP5e (chip address = 5d or ‘101’b). a write to the HMC900lP5e where chip address is set to any
value other than 5d or ‘101’b is required in order to ensure that the sDO pin remains tri-stated after accessing the
HMC900lP5e. such a write will not result in any change in the HMC900lP5e configuration because of the incorrect
chip address.
Figure 23. SPI Timing Diagram
Table 11. Main SPI Timing Characteristics
DVDD = 5V ±5%, gND = 0V
Parameter
Conditions
Min
Typ
Max
Units
t1
sDI to sCK setup Time
8
nsec
t2
sDI to sCK Hold Time
8
nsec
t3
sCK High Duration [a]
10
nsec
t4
sCK low Duration
10
nsec
t5
seN low Duration
20
nsec
t6
seN High Duration
20
nsec
t7
sCK to seN [b]
8
nsec
t8
sCK to sDO Out[c]
8
nsec
a. The sPI is relative insensitive to the duty cycle of sCK.
b. seN must rise after the 32nd falling edge of sCK but before the next rising sCK edge. If sCK is shared amongst several devices this
timing must be respected.
c. Typical load to sDO 10pF, max 20pF
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com