Electronic Components Datasheet Search
  English  ▼

X  

FT28C16 Datasheet(PDF) 6 Page - Force Technologies Ltd

Part # FT28C16
Description  Parallel EEPRO M 16K (2Kx8)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C16 Datasheet(HTML) 6 Page - Force Technologies Ltd

Back Button FT28C16 Datasheet HTML 2Page - Force Technologies Ltd FT28C16 Datasheet HTML 3Page - Force Technologies Ltd FT28C16 Datasheet HTML 4Page - Force Technologies Ltd FT28C16 Datasheet HTML 5Page - Force Technologies Ltd FT28C16 Datasheet HTML 6Page - Force Technologies Ltd FT28C16 Datasheet HTML 7Page - Force Technologies Ltd FT28C16 Datasheet HTML 8Page - Force Technologies Ltd FT28C16 Datasheet HTML 9Page - Force Technologies Ltd FT28C16 Datasheet HTML 10Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AC Write Waveforms
WE Controlled
CE Controlled
AC Write Characteristics
Symbol
Parameter
Min
Typ
Max
Units
tAS, tOES
Address, OE Set-up Time
10
ns
tAH
Address Hold Time
50
ns
tWP
Write Pulse Width (WE or CE)
100
1000
ns
tDS
Data Set-up Time
50
ns
tDH, tOEH
Data, OE Hold Time
10
ns
tCS, tCH
CE to WE and WE to CE Set-up and Hold Time
0
ns
tWC
Write Cycle Time
FT28C16
0.5
1.0
ms
FT28C16E
100
200
µs
FT28C16
Parallel EEPROM 16K (2Kx8)
Rev 2
6/12
2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com