Electronic Components Datasheet Search
  English  ▼

X  

FT28C16 Datasheet(PDF) 5 Page - Force Technologies Ltd

Part # FT28C16
Description  Parallel EEPRO M 16K (2Kx8)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C16 Datasheet(HTML) 5 Page - Force Technologies Ltd

  FT28C16 Datasheet HTML 1Page - Force Technologies Ltd FT28C16 Datasheet HTML 2Page - Force Technologies Ltd FT28C16 Datasheet HTML 3Page - Force Technologies Ltd FT28C16 Datasheet HTML 4Page - Force Technologies Ltd FT28C16 Datasheet HTML 5Page - Force Technologies Ltd FT28C16 Datasheet HTML 6Page - Force Technologies Ltd FT28C16 Datasheet HTML 7Page - Force Technologies Ltd FT28C16 Datasheet HTML 8Page - Force Technologies Ltd FT28C16 Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AC Read Waveforms(1)(2)(3)(4)
Notes: 1. CE may be delayed up to tACC - tCE after the address transition without impact on tACC.
2. OE may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change
without impact on tACC.
3. tDF is specified from OE or CE whichever occurs first (CL = 5 pF).
4. This parameter is characterised and is not 100% tested.
Input Test Waveforms and
Measurement Level
Output Test Load
Note:
1. This parameter is characterised and is not 100% tested.
AC Read Characteristics
tR, tF < 20 ns
Pin Capacitance
f = 1 MHz, T = 25°C(1)
Symbol
Typ
Max
Units
Conditions
CIN
4
6pFVIN = 0V
COUT
812pFVOUT = 0V
FT28C16
Parallel EEPROM 16K (2Kx8)
Min
Max
Min
Max
tACC
150
200
tCE (1)
150
200
tOE (2)
10
70
10
80
tDF (3,4)
050
0
55
tOH
00
Symbol
Parameter
Output Hold from OE, CE or
Address, whichever occurred first.
FT28C16-15
FT28C16-20
Address to Output Delay
CE to Output Delay
OE to Output Delay
CE or OE High to Output Float
Min
Max
250
ns
250
ns
10
100
ns
060
ns
0ns
FT28C16-25
Units
Rev 2
5/12
2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com