Electronic Components Datasheet Search
  English  ▼

X  

FT28C16 Datasheet(PDF) 9 Page - Force Technologies Ltd

Part # FT28C16
Description  Parallel EEPRO M 16K (2Kx8)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT28C16 Datasheet(HTML) 9 Page - Force Technologies Ltd

Back Button FT28C16 Datasheet HTML 4Page - Force Technologies Ltd FT28C16 Datasheet HTML 5Page - Force Technologies Ltd FT28C16 Datasheet HTML 6Page - Force Technologies Ltd FT28C16 Datasheet HTML 7Page - Force Technologies Ltd FT28C16 Datasheet HTML 8Page - Force Technologies Ltd FT28C16 Datasheet HTML 9Page - Force Technologies Ltd FT28C16 Datasheet HTML 10Page - Force Technologies Ltd FT28C16 Datasheet HTML 11Page - Force Technologies Ltd FT28C16 Datasheet HTML 12Page - Force Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
32J
32 Lead, Plastic J-Leaded Chip Carrier (PLCC)
24P6
24 Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
24S
24 Lead, 0.300" Wide, Plastic Gull Wing Small Outline (SOIC)
Options
Blank
Standard Device:
Endurance = 10K Write Cycles; Write Time = 1 ms
E
High Endurance Option: Endurance = 100K Write Cycles;
FT28C16
Parallel EEPROM 16K (2Kx8)
Package Type
Ordering Information (1)
Active
Standby
24D6
32J
Commercial
24P6
(0°C to +70°C)
24S
24D6
32J
Industrial
24P6
(-40°C to +85°C)
24S
Military
(-55°C to +125°C)
Military
(-55°C to +125°C)
Mil-Std-883 M5004
24D6
32J
Commercial
24P6
(0°C to +70°C)
24S
24D6
32J
Industrial
24P6
(-40°C to +85°C)
24S
Military
(-55°C to +125°C)
Military
(-55°C to +125°C)
Mil-Std-883 M5004
24D6
32J
Commercial
24P6
(0°C to 70°C)
24S
24D6
32J
Industrial
24P6
(-40°C to +85°C)
24S
Military
(-55°C to +125°C)
Military
(-55°C to +125°C)
Mil-Std-883 M5004
24D6
FT28C16(E)-25DMB
24D6
250
45
0.1
FT28C16(E)-25DI
FT28C16(E)-25JI
FT28C16(E)-25PI
FT28C16(E)-25SI
FT28C16(E)-25DM
250
30
0.1
FT28C16(E)-25DC
FT28C16(E)-25JC
FT28C16(E)-25PC
FT28C16(E)-25SC
FT28C16(E)-20DC
FT28C16(E)-20JC
FT28C16(E)-20PC
FT28C16(E)-20SC
FT28C16(E)-20DMB
45
FT28C16(E)-15DM
FT28C16(E)-15DMB
FT28C16(E)-15JI
FT28C16(E)-15PI
FT28C16(E)-15SI
FT28C16(E)-15DI
30
0.1
0.1
30
200
45
0.1
200
0.1
FT28C16(E)-20DM
24D6
FT28C16(E)-15PC
FT28C16(E)-15SC
FT28C16(E)-20DI
FT28C16(E)-20JI
FT28C16(E)-20PI
FT28C16(E)-20SI
24D6
24D6
24D6
Operation Range
tACC (ns)
FT28C16(E)-15DC
FT28C16(E)-15JC
150
ICC (mA)
Ordering Code
Package
150
24D6
24-lead, 0.600" Wide, Non-Windowed, Ceramic Dual Inline Package (Cerdip)
Rev 2
9/12
2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com