Electronic Components Datasheet Search
  English  ▼

X  

AD5601 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5601
Description  2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5601 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5601 Datasheet HTML 10Page - Analog Devices AD5601 Datasheet HTML 11Page - Analog Devices AD5601 Datasheet HTML 12Page - Analog Devices AD5601 Datasheet HTML 13Page - Analog Devices AD5601 Datasheet HTML 14Page - Analog Devices AD5601 Datasheet HTML 15Page - Analog Devices AD5601 Datasheet HTML 16Page - Analog Devices AD5601 Datasheet HTML 17Page - Analog Devices AD5601 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD5601/AD5611/AD5621
Preliminary Technical Data
Rev. PrC | Page 14 of 20
DIN
DB15
DB16
DB0
DB0
INVALID WRITE SEQUENCE:
SYNC HIGH BEFORE 16TH FALLING EDGE
VALID WRITE SEQUENCE, OUTPUT UPDATES
ON THE 16TH FALLING EDGE
SYNC
SCLK
Figure 27. SYNC Interrupt Facility
SYNC INTERRUPT
In a normal write sequence, the SYNC line is kept low for at
least 16 falling edges of SCLK and the DAC is updated on the
16th falling edge. However, if SYNC is brought high before the
16th falling edge, this acts as an interrupt to the write sequence.
The shift register is reset and the write sequence is seen as
invalid. Neither an update of the DAC register contents nor a
change in the operating mode occurs (see Figure 27).
POWER-ON RESET
The AD5601/AD5611/AD5621 contain a power-on reset circuit
that controls the output voltage during power-up. The DAC
register is filled with zeros and the output voltage is 0 V. It
remains there until a valid write sequence is made to the DAC.
This is useful in applications in which it is important to know
the state of the DAC’s output while it is in the process of
powering up.
POWER-DOWN MODES
The AD5601/AD5611/AD5621 have four separate modes of
operation. These modes are software-programmable by setting
two bits (DB15 and DB14) in the control register. Table 6 shows
how the state of the bits corresponds to the mode of operation
of the device.
Table 6. Modes of Operation for the AD5601/AD5611/
AD5621
DB15
DB14
Operating Mode
0
0
Normal operation
Power-down mode
0
1
1 kΩ to GND
1
0
100 kΩ to GND
1
1
Three-state
When both bits are set to 0, the part works normally with its
normal power consumption of 100 µA maximum at 5 V.
However, for the three power-down modes, the supply current
falls to <100 nA at 3 V. Not only does the supply current fall, but
the output stage is also internally switched from the output of
the amplifier to a resistor network of known values. This has the
advantage that the output impedance of the part is known while
the part is in power-down mode. There are three different
options: the output is connected internally to GND through a
1 kΩ resistor or a 100 kΩ resistor, or the output is left open-
circuited (three-state). Figure 28 shows the output stage.
POWER-DOWN
CIRCUITRY
RESISTOR
NETWORK
VOUT
RESISTOR
STRING DAC
AMPLIFIER
Figure 28. Output Stage During Power-Down
The bias generator, output amplifier, resistor string, and other
associated linear circuitry are all shut down when the power-
down mode is activated. However, the contents of the DAC
register are unaffected when in power-down. The time to exit
power-down is typically 2.5 µs for VDD = 5 V and 5 µs for
VDD = 3 V. See Figure 20 for a plot.
MICROPROCESSOR INTERFACING
AD5601/AD5611/AD5621 to ADSP-2101/ADSP-2103
Interface
Figure 29 shows a serial interface between the AD5601/
AD5611/AD5621 and the ADSP-2101/ADSP-2103. The
ADSP-2101/ADSP-2103 should be set up to operate in SPORT
transmit alternate framing mode. The ADSP-2101/ADSP-2103
SPORT are programmed through the SPORT control register
and should be configured as follows: internal clock operation,
active low framing, and 16-bit word length. Transmission is
initiated by writing a word to the Tx register after the SPORT
has been enabled.

ADSP-2101/
ADSP-2103*
AD5601/AD5611/
AD5621*
*ADDITIONAL PINS OMITTED FOR CLAIRTY
TFS
DT
SCLK
SYNC
DIN
SCLK
Figure 29. AD5601/AD5611/AD5621 to ADSP-2101/ADSP-2103 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com