Electronic Components Datasheet Search
  English  ▼

X  

AD5601 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5601
Description  2.7 V to 5.5 V, <100 UA, 8-/10-/12-Bit nanoDAC D/A, SPI Interface, SC70 Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5601 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5601 Datasheet HTML 11Page - Analog Devices AD5601 Datasheet HTML 12Page - Analog Devices AD5601 Datasheet HTML 13Page - Analog Devices AD5601 Datasheet HTML 14Page - Analog Devices AD5601 Datasheet HTML 15Page - Analog Devices AD5601 Datasheet HTML 16Page - Analog Devices AD5601 Datasheet HTML 17Page - Analog Devices AD5601 Datasheet HTML 18Page - Analog Devices AD5601 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Preliminary Technical Data
AD5601/AD5611/AD5621
Rev. PrC | Page 15 of 20
AD5601/AD5611/AD5621 to 68HC11/68L11 Interface
Figure 30 shows a serial interface between the AD5601/
AD5611/AD5621 and the 68HC11/68L11 microcontrollers.
SCK of the 68HC11/68L11 drives the SCLK of the AD5601/
AD5611/AD5621, while the MOSI output drives the serial data
line of the DAC. The SYNC signal is derived from a port line
(PC7). The setup conditions for correct operation of this
interface are as follows: the 68HC11/68L11 should be
configured so that its CPOL bit is a 0 and its CPHA bit is a 1.
When data is being transmitted to the DAC, the SYNC line is
taken low (PC7). When the 68HC11/68L11 is configured as
above, data appearing on the MOSI output is valid on the falling
edge of SCK. Serial data from the 68HC11/68L11 is transmitted
in 8-bit bytes with only eight falling clock edges occurring in
the transmit cycle. Data is transmitted MSB first. To load data to
the AD5601/AD5611/AD5621, PC7 is left low after the first
eight bits are transferred, and a second serial write operation is
performed to the DAC. PC7 is taken high at the end of this
procedure.
68HC11/
68L11
AD5601/AD5611/
AD5621*
*ADDITIONAL PINS OMITTED FOR CLAIRTY
PC7
SCK
MOSI
SYNC
SCLK
DIN
Figure 30. AD5601/AD5611/AD5621 to 68HC11/68L11 Interface
AD5601/AD5611/AD5621 to Blackfin® ADSP-BF53X
Interface
Figure 31 shows a serial interface between the AD5601/
AD5611/AD5621 and the Blackfin ADSP-BF53x
microprocessors. The ADSP-BF53x processor family
incorporates two dual-channel synchronous serial ports,
SPORT1 and SPORT0, for serial and multiprocessor
communications. Using SPORT0 to connect to the AD5601/
AD5611/AD5621, the setup for the interface is as follows:
DT0PRI drives the SDIN pin of the AD5601/AD5611/AD5621,
while TSCLK0 drives the SCLK of the part. The SYNC is driven
from TFS0.
ADSP-BF53X
AD5601/AD5611/
AD5621
*ADDITIONAL PINS OMITTED FOR CLAIRTY
DT0PRI
TSCLK0
TFS0
DIN
SCLK
SYNC
Figure 31. AD5601/AD5611/AD5621 to Blackfin ADSP-BF53X Interface
AD5601/AD5611/AD5621 to 80C51/80L51 Interface
Figure 32 shows a serial interface between the AD5601/
AD5611/AD5621 and the 80C51/80L51 microcontroller. The
setup for the interface is as follows: TXD of the 80C51/80L51
drives SCLK of the AD5601/AD5611/AD5621, while RXD
drives the serial data line of the part. The SYNC signal is again
derived from a bit programmable pin on the port. In this case,
port line P3.3 is used. When data is to be transmitted to the
AD5601/AD5611/AD5621, P3.3 is taken low. The 80C51/80L51
transmit data only in 8-bit bytes; thus, only eight falling clock
edges occur in the transmit cycle. To load data to the DAC, P3.3
is left low after the first eight bits are transmitted, and a second
write cycle is initiated to transmit the second byte of data. P3.3
is taken high following the completion of this cycle. The 80C51/
80L51 output the serial data in a format that has the LSB first.
The AD5601/AD5611/AD5621 require their data with the MSB
as the first bit received. The 80C51/80L51 transmit routine
should take this into account.
80C51/80L51*
AD5601/AD5611/
AD5621*
*ADDITIONAL PINS OMITTED FOR CLAIRTY
P3.3
TXD
RXD
SYNC
SCLK
DIN
Figure 32. AD5601/AD5611/AD5621 to 80C51/80L51 Interface
AD5601/AD5611/AD5621 to MICROWIRE Interface
Figure 33 shows an interface between the AD5601/AD5611/
AD5621 and any MICROWIRE compatible device. Serial data is
shifted out on the falling edge of the serial clock and is clocked
into the AD5601/AD5611/AD5621 on the rising edge of the SK.
MICROWIRE*
AD5601/AD5611/
AD5621*
*ADDITIONAL PINS OMITTED FOR CLAIRTY
CS
SK
SO
SYNC
SCLK
DIN
Figure 33. AD5601/AD5611/AD5621 to MICROWIRE Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com