Electronic Components Datasheet Search
  English  ▼

X  

LR1101 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LR1101
Description  QUIESCENT CURRENT CMOS LDO REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1101 Datasheet(HTML) 3 Page - Unisonic Technologies

  LR1101 Datasheet HTML 1Page - Unisonic Technologies LR1101 Datasheet HTML 2Page - Unisonic Technologies LR1101 Datasheet HTML 3Page - Unisonic Technologies LR1101 Datasheet HTML 4Page - Unisonic Technologies LR1101 Datasheet HTML 5Page - Unisonic Technologies LR1101 Datasheet HTML 6Page - Unisonic Technologies LR1101 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LR1101
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R102-034.H
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
7
V
SOT-89
500
mW
SOT-23
250
mW
Power Dissipation (TA = 25°C)
SOT-25
PD
250
mW
Junction Temperature
TJ
125
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOT-89
180
°C/W
SOT-23
250
°C/W
Thermal Resistance
SOT-25
θJA
250
°C/W
ELECTRICAL CHARACTERISTICS(VIN =5.5V, CI =1μF, Co=1μF,TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input Voltage Range
VIN
2
6
V
Output Voltage Accuracy
∆VOUT
IL = 1mA
-2
+2
%
Line Regulation
∆VLINE
VIN = (VOUT + 0.3V) to 6V, VIN≧3.6V,
IOUT = 1mA
-0.2
0.2
%/V
Load Regulation
∆VLOAD
ILOUT = 0mA to 100mA
0.01
0.04
%/mA
Maximum Output Current
IMAX
VIN = VOUT + 0.6V, VIN≧3.6V
100
mA
Current Limit
ILIMIT
IL = 100mA
150
250
mA
No Load
4
7
GND Pin Current
IG
IOUT = 100mA
4
10
μA
IOUT = 1mA, VIN≧3.6V
4
10
IOUT = 50mA, VIN≧3.6V
200
300
Dropout Voltage
VD
IOUT = 100mA, VIN≧3.6V
450
600
mV
Stand By Current
ISTN-BY
EN
= VIN
0.1
1
μA
VOUT = High
0
0.6
EN
Threshold
EN
VOUT = Low
2
VIN
V
Short Current
ISC
VOUT = 0
650
mA
Thermal Shutdown
Exterior Calefaction
125
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com