Electronic Components Datasheet Search
  English  ▼

X  

LR1101 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1101
Description  QUIESCENT CURRENT CMOS LDO REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1101 Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1101 Datasheet HTML 1Page - Unisonic Technologies LR1101 Datasheet HTML 2Page - Unisonic Technologies LR1101 Datasheet HTML 3Page - Unisonic Technologies LR1101 Datasheet HTML 4Page - Unisonic Technologies LR1101 Datasheet HTML 5Page - Unisonic Technologies LR1101 Datasheet HTML 6Page - Unisonic Technologies LR1101 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1101
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R102-034.H
100mA, 4µA QUIESCENT
CURRENT CMOS LDO
REGULATOR
DESCRIPTION
The UTC LR1101 series are ultra-low quiescent current CMOS
LDO (Low Dropout Voltage). Designed for battery-powered system,
the low 4μA quiescent current makes it an ideal choice. The Range
of the output voltage is from 1.5V ~ 5V with 0.1V per step. And the
max output current is 100mA.
Wide range of available output fits most of applications. Built-in
output current-limiting provide maximal protection against any fault
conditions.
FEATURES
* 450mV typically dropout at 100mA
* Ultra-low quiescent current: 4μA
* Wide operating voltage ranges: 2V ~ 6V
* Thermal current limiting protection
* For stability only 1μF output capacitor is required
* High power supply rejection ratio
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1234
5
Packing
LR1101G-xx-AB3-C-R
SOT-89
G
I
O
-
-
Tape Reel
LR1101G-xx-AE3-5-R
SOT-23
G
O
I
-
-
Tape Reel
LR1101G-xx-AF5-R
SOT-25
I
G
EN
NC
O
Tape Reel
Note: Pin Assignment: I: VIN O: VOUT G: GND NC: No Connection EN : Enable


Similar Part No. - LR1101

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1101 UTC-LR1101 Datasheet
301Kb / 8P
100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
LR1101 UTC-LR1101 Datasheet
313Kb / 8P
100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
E-Tech Electronics LTD
LR1101 ETL-LR1101 Datasheet
707Kb / 8P
100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Unisonic Technologies
LR1101G-XX-AB3-C-R UTC-LR1101G-XX-AB3-C-R Datasheet
313Kb / 8P
100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
LR1101G-XX-AE3-5-R UTC-LR1101G-XX-AE3-5-R Datasheet
313Kb / 8P
100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
More results

Similar Description - LR1101

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169 Datasheet
245Kb / 12P
100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
RT9169 RICHTEK-RT9169_07 Datasheet
136Kb / 9P
100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9170 RICHTEK-RT9170 Datasheet
220Kb / 13P
300mA, 15關A Quiescent Current CMOS LDO Regulator
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
250mA Low Quiescent Current CMOS LDO
logo
Unisonic Technologies
LR1101 UTC-LR1101 Datasheet
301Kb / 8P
100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
250mA Low Quiescent Current CMOS LDO
logo
Unisonic Technologies
LR1101 UTC-LR1101_11 Datasheet
313Kb / 8P
100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
500mA Low Quiescent Current CMOS LDO
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
E-Tech Electronics LTD
LR1101 ETL-LR1101 Datasheet
707Kb / 8P
100mA, 4關A QUIESCENT CURRENT CMOS LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com