Electronic Components Datasheet Search
  English  ▼

X  

LR1101 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LR1101
Description  QUIESCENT CURRENT CMOS LDO REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1101 Datasheet(HTML) 6 Page - Unisonic Technologies

  LR1101 Datasheet HTML 1Page - Unisonic Technologies LR1101 Datasheet HTML 2Page - Unisonic Technologies LR1101 Datasheet HTML 3Page - Unisonic Technologies LR1101 Datasheet HTML 4Page - Unisonic Technologies LR1101 Datasheet HTML 5Page - Unisonic Technologies LR1101 Datasheet HTML 6Page - Unisonic Technologies LR1101 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LR1101
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R102-034.H
TYPICAL CHARACTERISTICS(Cont.)
Line Transient Response
Time (mS)
3
T
T
4
5
6
0
100
200
300
01 2
3 4
5
6
7 8
9 10
Line Transient Response
Time (mS)
3
T
T
4
5
6
0
100
200
300
0
1 2 3
4
5
67 89 10
VOUT=1.8V
TA=25
COUT=1µF Electoltic
IOUT=50mA
T
VOUT=3.3V
TA=25
COUT=1µF Electoltic
IOUT=50mA
Load Transient Response
Time (500µS/Div)
-50
T
1
50
100
-20
0
20
40
Load Transient Response
-100
10
100
200
-50
0
50
100
T
CIN=1µF Ceramic
COUT=1µF Ceramic
VIN=5V, TA=25℃
VOUT=1.8V
Time (500µS/Div)
CIN=1µF Ceramic
COUT=1µF Ceramic
VIN=5V, TA=25℃
VOUT=1.8V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com