Electronic Components Datasheet Search
  English  ▼

X  

BGU2003 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGU2003
Description  SiGe MMIC amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGU2003 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGU2003 Datasheet HTML 1Page - NXP Semiconductors BGU2003 Datasheet HTML 2Page - NXP Semiconductors BGU2003 Datasheet HTML 3Page - NXP Semiconductors BGU2003 Datasheet HTML 4Page - NXP Semiconductors BGU2003 Datasheet HTML 5Page - NXP Semiconductors BGU2003 Datasheet HTML 6Page - NXP Semiconductors BGU2003 Datasheet HTML 7Page - NXP Semiconductors BGU2003 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2002 May 17
4
Philips Semiconductors
Preliminary specification
SiGe MMIC amplifier
BGU2003
handbook, halfpage
MGS536
100 pF
R1
C
C
RF in
RCTRL
VCTRL
RF out
VS
1
4
3
2
BGA2003
L1
Fig.2 Typical application circuit.
handbook, halfpage
0
50
100
200
200
150
50
0
100
MGS537
150
Ts (°C)
Ptot
(mW)
Fig.3 Power derating.
handbook, halfpage
0
0.5
1
2
2.5
0
2
MGS538
1.5
1.5
1
0.5
VCTRL (V)
ICTRL
(mA)
Fig.4
Control current as a function of the control
voltage on pin 3; typical values.
handbook, halfpage
0
2.5
30
0
10
20
MGS539
0.5
1
1.5
2
IVS-OUT
(mA)
ICTRL (mA)
Fig.5
Bias current as a function of the control
current; typical values.
VS-OUT =2.5 V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com